전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1308 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA1308
상세설명  Class AB stereo headphone driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1308 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA1308 Datasheet HTML 1Page - NXP Semiconductors TDA1308 Datasheet HTML 2Page - NXP Semiconductors TDA1308 Datasheet HTML 3Page - NXP Semiconductors TDA1308 Datasheet HTML 4Page - NXP Semiconductors TDA1308 Datasheet HTML 5Page - NXP Semiconductors TDA1308 Datasheet HTML 6Page - NXP Semiconductors TDA1308 Datasheet HTML 7Page - NXP Semiconductors TDA1308 Datasheet HTML 8Page - NXP Semiconductors TDA1308 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
August 1994
6
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308
CHARACTERISTICS
VDD = 5 V; VSS = 0 V; Tamb = 25 °C; fi = 1 kHz; RL = 32 Ω; unless otherwise specified.
Notes
1. Values are proportional to VDD; (THD + N)/S < 0.1%.
2. VDD = 5.0 V; VO(p-p) = 3.5 V (at 0 dB).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
single
3.0
5.0
7.0
V
dual
1.5
2.5
3.5
V
VSS
negative supply voltage
−1.5
−2.5
−3.5
V
IDD
supply current
no load
3
5
mA
Ptot
total power dissipation
no load
15
25
mW
DC characteristics
VI(os)
input offset voltage
10
mV
Ibias
input bias current
10
pA
VCM
common mode voltage
0
3.5
V
Gv
open-loop voltage gain
RL = 5 kΩ
70
dB
IO
maximum output current
(THD + N)/S < 0.1%
60
mA
RO
output resistance
0.25
VO
output voltage swing
note 1
0.75
4.25
V
RL = 16 Ω; note 1
1.5
3.5
V
RL = 5 kΩ; note 1
0.1
4.9
V
PSRR
power supply rejection ratio
fi = 100 Hz;
Vripple(p-p) = 100 mV
90
dB
α
cs
channel separation
70
dB
RL = 5 kΩ
105
dB
CL
load capacitance
200
pF
AC characteristics
(THD + N)/S total harmonic distortion plus
noise-to-signal ratio
note 2
−70
−65
dB
0.03
0.06
%
note 2; RL = 5 kΩ
−101
dB
0.0009
%
S/N
signal-to-noise ratio
100
110
dB
fG
unity gain frequency
open-loop; RL = 5 kΩ
5.5
MHz
Po
maximum output power
(THD + N)/S < 0.1%
60
mW
Ci
input capacitance
3
pF
SR
slew rate
unity gain inverting
5
V/
µs
B
power bandwidth
unity gain inverting
20
kHz


유사한 부품 번호 - TDA1308

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
logo
Silan Microelectronics ...
TDA1308 SILAN-TDA1308 Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308A NXP-TDA1308A Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
More results

유사한 설명 - TDA1308

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com