전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1313T 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 TDA1313T
상세설명  Stereo continuous calibration DAC CC-DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1313T 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button TDA1313T Datasheet HTML 2Page - NXP Semiconductors TDA1313T Datasheet HTML 3Page - NXP Semiconductors TDA1313T Datasheet HTML 4Page - NXP Semiconductors TDA1313T Datasheet HTML 5Page - NXP Semiconductors TDA1313T Datasheet HTML 6Page - NXP Semiconductors TDA1313T Datasheet HTML 7Page - NXP Semiconductors TDA1313T Datasheet HTML 8Page - NXP Semiconductors TDA1313T Datasheet HTML 9Page - NXP Semiconductors TDA1313T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
July 1993
6
Philips Semiconductors
Objective specification
Stereo continuous calibration DAC
(CC-DAC)
TDA1313; TDA1313T
Table 1
Mode application
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Human body model: C = 100 pF; R = 1500
Ω; 3 zaps positive and negative.
2. Machine model: C = 200 pF; L = 0.5
µH; R = 10 Ω; 3 zaps positive and negative.
THERMAL RESISTANCE
4/8FSSEL
LRSEL/RSI
MODE
FIGURE
0
1
4FS/left = HIGH
6
0
0
4FS/left = LOW
6
1
data right
8FS
5
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
6.0
V
TXTAL
maximum crystal temperature
+150
°C
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
VES
electrostatic handling
note 1
−2000
+2000
V
note 2
−200
+200
V
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
DIL16
75 K/W
SO16
120 K/W
Fig.3 Calibration principle; (a) calibration (b) operation.
handbook, halfpage
MGE231
Cgs
S1
M1
(a)
(b)
Vgs
S2
IREF
IO
+
Cgs
S1
M1
Vgs
S2
IREF
IREF
IO
+


유사한 부품 번호 - TDA1313T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

유사한 설명 - TDA1313T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com