전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1314 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TDA1314
상세설명  Quadruple filter DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1314 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TDA1314 Datasheet HTML 5Page - NXP Semiconductors TDA1314 Datasheet HTML 6Page - NXP Semiconductors TDA1314 Datasheet HTML 7Page - NXP Semiconductors TDA1314 Datasheet HTML 8Page - NXP Semiconductors TDA1314 Datasheet HTML 9Page - NXP Semiconductors TDA1314 Datasheet HTML 10Page - NXP Semiconductors TDA1314 Datasheet HTML 11Page - NXP Semiconductors TDA1314 Datasheet HTML 12Page - NXP Semiconductors TDA1314 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
August 1994
10
Philips Semiconductors
Product specification
Quadruple filter DAC
TDA1314T
AC CHARACTERISTICS
VDDD = VDDA = VDDO = 5 V; Tamb = 25 °C; all voltages referenced to ground (pins 6, 7 and 15) measured in test circuit of
Fig.5; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ANALOG
DACS
SVRR
supply voltage ripple
rejection pins 9 and 16
fripple = 1 kHz;
Vripple = 100 mV (peak);
CVref = 22 µF
30
46
dB
∆IO(DAC)
maximum deviation of
output level of the 4 DAC
output currents with
respect to the average of
the 4 outputs
maximum volume
0.38
dB
α
DAC
crosstalk between the
4 DAC current outputs
2 outputs at digital
silence; 2 outputs at
maximum volume
−90
−60
dB
RES
DAC resolution
18
bits
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
fi = 1 kHz; 0 dB signal
−66
−56
dB
fi = 1 kHz; −60 dB signal;
A-weighted
−36
−32
dB
DR
dynamic range
fi = 1 kHz; −60 dB signal;
A-weighted
92
96
dB
DS
digital silence
fi = 20 Hz to 17 kHz;
A-weighted
−110
−100
dB
Operational amplifiers
Gv
open loop voltage gain
85
dB
PSRR
power supply ripple
rejection
fripple = 3 kHz;
Vripple = 100 mV (peak)
90
dB
(THD + N)/S
total harmonic distortion
plus noise as a function
of the operational
amplifiers signal
RL > 5 kΩ (AC);
Rfb = 3 kΩ;
VO = 0.28 V (p-p);
fi = 1 kHz; A-weighted
−82
dB
fug
unity gain frequency
open loop
4.5
MHz
Zo
output impedance
RL > 5 kΩ
1.5
150


유사한 부품 번호 - TDA1314

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

유사한 설명 - TDA1314

제조업체부품명데이터시트상세설명
logo
Wolfson Microelectronic...
WM5621L WOLFSON-WM5621L Datasheet
513Kb / 14P
   Low-power Quadruple 8-Bit DAC
logo
NXP Semiconductors
TDA1386T PHILIPS-TDA1386T Datasheet
167Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
UDA1328T PHILIPS-UDA1328T Datasheet
128Kb / 28P
   Multi-channel filter DAC
2000 Jan 04
TDA1306T PHILIPS-TDA1306T Datasheet
220Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
UDA1330ATS PHILIPS-UDA1330ATS_15 Datasheet
173Kb / 23P
   Low-cost stereo filter DAC
2001 Feb 02
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
UDA1320ATS PHILIPS-UDA1320ATS Datasheet
102Kb / 20P
   Low-cost stereo filter DAC
2000 Jan 10
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
   Ultra low-voltage stereo filter DAC
2000 Jan 20
logo
Hitachi Semiconductor
HD14016B HITACHI-HD14016B Datasheet
77Kb / 6P
   Quadruple Analog Switch/Quadruple Multiplexer
HD14066B HITACHI-HD14066B Datasheet
83Kb / 7P
   Quadruple Analog Switch/Quadruple Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com