전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1515 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA1515
상세설명  24 W BTL or 2 x 12 W stereo car radio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1515 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA1515 Datasheet HTML 1Page - NXP Semiconductors TDA1515 Datasheet HTML 2Page - NXP Semiconductors TDA1515 Datasheet HTML 3Page - NXP Semiconductors TDA1515 Datasheet HTML 4Page - NXP Semiconductors TDA1515 Datasheet HTML 5Page - NXP Semiconductors TDA1515 Datasheet HTML 6Page - NXP Semiconductors TDA1515 Datasheet HTML 7Page - NXP Semiconductors TDA1515 Datasheet HTML 8Page - NXP Semiconductors TDA1515 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
July 1994
2
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 W stereo
car radio power amplifier
TDA1515BQ
The TDA1515BQ is a monolithic integrated class-B output amplifier in a 13-lead single in-line (SIL) plastic power
package. The device is primarily developed for car radio applications, and also to drive low-impedance loads (down to
1,6
Ω). At a supply voltage V
P = 14,4 V, an output power of 24 W can be delivered into a 4 Ω BTL (Bridge Tied Load),
or, when used as stereo amplifier, it delivers 2
× 12 W into 2 Ω or 2 × 7 W into 4 Ω.
Special features are:
• flexibility in use − mono BTL as well as stereo
• high output power
• low offset voltage at the output (important for BTL)
• large usable gain variation
• very good ripple rejection
• internal limited bandwidth for high frequencies
• low stand-by current possibility (typ. 1 µA), to simplify required switches; TTL drive possible
• low number and small sized external components
• high reliability.
The following currently required protections are incorporated in the circuit. These protections also have positive influence
on reliability in the applications.
• load dump protection
• a.c. and d.c. short-circuit safe to ground up to V
P = 18 V
• thermal protection
• speaker protection in bridge configuration
• SOAR protection
• outputs short-circuit safe to ground in BTL
• reverse polarity safe.


유사한 부품 번호 - TDA1515

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1510 PHILIPS-TDA1510 Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512A ETC-TDA1512A Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512AQ ETC-TDA1512AQ Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
More results

유사한 설명 - TDA1515

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com