전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT7201LA35DV 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74ACT7201LA35DV
상세설명  256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7201LA35DV 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74ACT7201LA35DV Datasheet HTML 4Page - Texas Instruments SN74ACT7201LA35DV Datasheet HTML 5Page - Texas Instruments SN74ACT7201LA35DV Datasheet HTML 6Page - Texas Instruments SN74ACT7201LA35DV Datasheet HTML 7Page - Texas Instruments SN74ACT7201LA35DV Datasheet HTML 8Page - Texas Instruments SN74ACT7201LA35DV Datasheet HTML 9Page - Texas Instruments SN74ACT7201LA35DV Datasheet HTML 10Page - Texas Instruments SN74ACT7201LA35DV Datasheet HTML 11Page - Texas Instruments SN74ACT7201LA35DV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN74ACT7200L, SN74ACT7201LA, SN74ACT7202LA
256
× 9, 512 × 9, 1024 × 9
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SCAS221A – FEBRUARY 1993 – REVISED SEPTEMBER 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
FIGURE
′ACT7200L-15
′ACT7201LA-15
′ACT7202LA-15
′ACT7200L-25
′ACT7201LA-25
′ACT7202LA-25
′ACT7201LA-35†
′ACT7202LA-35†
′ACT7200L-50
′ACT7201LA-50
′ACT7202LA-50
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency, R or W
40
28.5
22.2
15
MHz
tc(R)
Cycle time, read
1(a)
25
35
45
65
ns
tc(W)
Cycle time, write
1(b)
25
35
45
65
ns
tc(RS)
Cycle time, reset
7
25
35
45
65
ns
tc(RT)
Cycle time, retransmit
4
25
35
45
65
ns
tw(RL)
Pulse duration, R low
1(a)
15
25
35
50
ns
tw(WL)
Pulse duration, W low
1(b)
15
25
35
50
ns
tw(RH)
Pulse duration, R high
1(a)
10
10
10
15
ns
tw(WH)
Pulse duration, W high
1(b)
10
10
10
15
ns
tw(RT)
Pulse duration, FL/RT low
4
15
25
35
50
ns
tw(RS)
Pulse duration, RS low
7
15
25
35
50
ns
tw(XIL)
Pulse duration, XI low
10
15
25
35
50
ns
tw(XIH)
Pulse duration, XI high
10
10
10
10
10
ns
tsu(D)
Setup time, data before W
1(b), 6
11
15
18
30
ns
tsu(RT)
Setup time, R and W high
before FL/RT
↑‡
4
15
25
35
50
ns
tsu(RS)
Setup time, R and W high
before RS
↑‡
7
15
25
35
50
ns
tsu(XI-R)
Setup time, XI low
before R
10
10
10
10
15
ns
tsu(XI-W)
Setup time, XI low
before W
10
10
10
10
15
ns
th(D)
Hold time, data after W
1(b), 6
0
0
0
5
ns
th(E-R)
Hold time, R low after EF
5, 11
15
25
35
50
ns
th(F-W)
Hold time, W low after FF
6, 12
15
25
35
50
ns
th(RT)
Hold time, R and W high
after FL/RT
4
10
10
10
15
ns
th(RS)
Hold time, R and W high
after RS
7
10
10
10
15
ns
† Released in RJ package only
‡ These values are characterized but not currently tested.


유사한 부품 번호 - SN74ACT7201LA35DV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L15NP TI1-SN74ACT7203L15NP Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L15RJ TI1-SN74ACT7203L15RJ Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L25NP TI1-SN74ACT7203L25NP Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L25RJ TI1-SN74ACT7203L25RJ Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

유사한 설명 - SN74ACT7201LA35DV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI-SN74ACT7807 Datasheet
203Kb / 15P
[Old version datasheet]   2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808 Datasheet
183Kb / 14P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808_07 Datasheet
293Kb / 18P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT2227 TI1-SN74ACT2227_15 Datasheet
786Kb / 18P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI-SN74ACT2227 Datasheet
174Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
[Old version datasheet]   512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2226 TI-SN74ACT2226_06 Datasheet
257Kb / 15P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com