전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1519CTH 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 TDA1519CTH
상세설명  22WBTL or 2 x 11Wstereo power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1519CTH 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button TDA1519CTH Datasheet HTML 2Page - NXP Semiconductors TDA1519CTH Datasheet HTML 3Page - NXP Semiconductors TDA1519CTH Datasheet HTML 4Page - NXP Semiconductors TDA1519CTH Datasheet HTML 5Page - NXP Semiconductors TDA1519CTH Datasheet HTML 6Page - NXP Semiconductors TDA1519CTH Datasheet HTML 7Page - NXP Semiconductors TDA1519CTH Datasheet HTML 8Page - NXP Semiconductors TDA1519CTH Datasheet HTML 9Page - NXP Semiconductors TDA1519CTH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2000 Mar 08
6
Philips Semiconductors
Product specification
22 W BTL or 2
× 11 W stereo power
amplifier
TDA1519C
FUNCTIONAL DESCRIPTION
The TDA1519C contains two identical amplifiers with differential input stages. The gain of each amplifier is fixed at 40 dB.
A special feature of this device is the mute/standby switch which has the following features:
• Low standby current (<100 µA)
• Low mute/standby switching current (low cost supply switch)
• Mute condition.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
17.5
V
non-operating
30
V
load dump protected;
during 50 ms; tr ≥ 2.5 ms
45
V
Vsc
AC and DC short-circuit-safe voltage
17.5
V
Vrp
reverse polarity voltage
6V
energy handling capability at outputs
VP =0V
200
mJ
IOSM
non-repetitive peak output current
6A
IORM
repetitive peak output current
4A
Ptot
total power dissipation
see Fig.5
25
W
Tj
junction temperature
150
°C
Tstg
storage temperature
−55
+150
°C
Fig.5 Power derating curve for SIL9P.
handbook, halfpage
−25
0
50
150
30
10
0
20
MGL492
100
Ptot
(W)
Tamb (°C)
(1)
(2)
(3)
(1) Infinite heatsink.
(2) Rth(c-a) = 5 K/W.
(3) Rth(c-a) = 13 K/W.


유사한 부품 번호 - TDA1519CTH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1519CTH NXP-TDA1519CTH Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results

유사한 설명 - TDA1519CTH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
logo
Sanyo Semicon Device
STK459 SANYO-STK459 Datasheet
32Kb / 1P
   Power Amplifier 2 x 15W
logo
STMicroelectronics
TDA7379 STMICROELECTRONICS-TDA7379 Datasheet
587Kb / 7P
   4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
logo
Qorvo, Inc
QPA2610 QORVO-QPA2610 Datasheet
991Kb / 24P
   2 Watt X-Band Power Amplifier
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com