전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCR2245ADGVRE4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 74LVCR2245ADGVRE4
상세설명  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74LVCR2245ADGVRE4 데이터시트(HTML) 4 Page - Texas Instruments

  74LVCR2245ADGVRE4 Datasheet HTML 1Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 2Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 3Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 4Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 5Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 6Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 7Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 8Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVCR2245A
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS581M – NOVEMBER 1996 – REVISED MARCH 2005
MIN
MAX
UNIT
Operating
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
High or low state
0
VCC
VO
Output voltage
V
3-state
0
5.5
VCC = 1.65 V
–2
VCC = 2.3 V
–4
IOH
High-level output current
mA
VCC = 2.7 V
–8
VCC = 3 V
–12
VCC = 1.65 V
2
VCC = 2.3 V
4
IOL
Low-level output current
mA
VCC = 2.7 V
8
VCC = 3 V
12
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


유사한 부품 번호 - 74LVCR2245ADGVRE4

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
74LVCR162245APAG IDT-74LVCR162245APAG Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APAG8 IDT-74LVCR162245APAG8 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APVG IDT-74LVCR162245APVG Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APVG8 IDT-74LVCR162245APVG8 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Texas Instruments
74LVCR162245DGGRE4 TI-74LVCR162245DGGRE4 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74LVCR2245ADGVRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com