전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1555 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA1555
상세설명  4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1555 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA1555 Datasheet HTML 3Page - NXP Semiconductors TDA1555 Datasheet HTML 4Page - NXP Semiconductors TDA1555 Datasheet HTML 5Page - NXP Semiconductors TDA1555 Datasheet HTML 6Page - NXP Semiconductors TDA1555 Datasheet HTML 7Page - NXP Semiconductors TDA1555 Datasheet HTML 8Page - NXP Semiconductors TDA1555 Datasheet HTML 9Page - NXP Semiconductors TDA1555 Datasheet HTML 10Page - NXP Semiconductors TDA1555 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
May 1992
7
Philips Semiconductors
Product specification
4 x 11 W single-ended or 2 x 22 W power
amplifier with distortion detector
TDA1555Q
Notes to the characteristics
1. The circuit is DC adjusted at VP = 6 V to 18 V and AC operating at VP = 8.5 to 18 V.
2. At 18 V < VP < 30 V the DC output voltage ≤ VP/2.
3. Frequency response externally fixed.
4. Ripple rejection measured at the output with a source impedance of 0
Ω (maximum ripple amplitude of 2 V) and a
frequency between 100 Hz and 10 kHz.
5. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
6. Noise output voltage independent of RS (VI = 0 V).
7. Output power is measured directly at the output pins of the IC.
Quad single-ended application
Output power
note 7
THD = 0.5%
Po
45
W
THD = 10%
Po
5.5
6
W
Output power at RL = 2 Ω
note 7
THD = 0.5%
Po
7.5
8.5
W
THD = 10%
Po
10
11
W
Total harmonic distortion
Po = 1 W
THD
0.1
%
Low frequency roll-off
note 3
−3 dB
fL
45
Hz
High frequency roll-off
−1 dB
fH
20
−−
kHz
Closed loop voltage gain
Gv
19
20
21
dB
Supply voltage ripple rejection
note 4
ON
RR
48
−−
dB
mute
RR
48
−−
dB
stand-by
RR
80
−−
dB
Input impedance
|Zi|
506075k
Noise output voltage
(RMS value)
ON
RS = 0 Ω; note 5
Vno(rms)
50
−µV
ON
RS = 10 kΩ; note 5
Vno(rms)
70
100
µV
mute
notes 5 and 6
Vno(rms)
50
−µV
Channel separation
RS = 10 kΩα
40
−−
dB
Channel unbalance
|
∆G
v|
−−
1dB
Distortion detector
IDD = 50 µA
THD
2
5%
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA1555

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

유사한 설명 - TDA1555

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1556Q PHILIPS-TDA1556Q Datasheet
64Kb / 10P
   2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com