전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N04Q1618C2B 데이터시트(PDF) 7 Page - AMI SEMICONDUCTOR

부품명 N04Q1618C2B
상세설명  4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMI [AMI SEMICONDUCTOR]
홈페이지  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

N04Q1618C2B 데이터시트(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button N04Q1618C2B Datasheet HTML 3Page - AMI SEMICONDUCTOR N04Q1618C2B Datasheet HTML 4Page - AMI SEMICONDUCTOR N04Q1618C2B Datasheet HTML 5Page - AMI SEMICONDUCTOR N04Q1618C2B Datasheet HTML 6Page - AMI SEMICONDUCTOR N04Q1618C2B Datasheet HTML 7Page - AMI SEMICONDUCTOR N04Q1618C2B Datasheet HTML 8Page - AMI SEMICONDUCTOR N04Q1618C2B Datasheet HTML 9Page - AMI SEMICONDUCTOR N04Q1618C2B Datasheet HTML 10Page - AMI SEMICONDUCTOR N04Q1618C2B Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Stock No. 23451-D 11/06
7
The specification is ADVANCE INFORMATION and subject to change without notice.
N04Q1618C2B
Advance Information
AMI Semiconductor, Inc.
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30pF
Operating Temperature
0 to +70oC
Timing
Item
Symbol
-70
-85
-150
Units
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
70
85
150
ns
Address Access Time
tAA
70
85
150
ns
Page Mode Address Access Time
tAAP
70
85
150
ns
Chip Enable to Valid Output
tCO
70
85
150
ns
Output Enable to Valid Output
tOE
35
45
75
ns
Byte Select to Valid Output
tBE
70
85
150
ns
Chip Enable to Low-Z output
tLZ
10
10
10
ns
Output Enable to Low-Z Output
tOLZ
555
ns
Byte Select to Low-Z Output
tBZ
10
10
10
ns
Chip Disable to High-Z Output
tHZ
020
0
20
020
ns
Output Disable to High-Z Output
tOHZ
020
0
20
020
ns
Byte Select Disable to High-Z Output
tBHZ
020
0
20
020
ns
Output Hold from Address Change
tOH
10
10
10
ns
Write Cycle Time
tWC
70
85
150
ns
Chip Enable to End of Write
tCW
50
60
120
ns
Address Valid to End of Write
tAW
50
60
120
ns
Byte Select to End of Write
tBW,
50
60
120
ns
Write Pulse Width
tWP
40
50
100
ns
Address Setup Time
tAS
000
ns
Write Recovery Time
tWR
000
ns
Write to High-Z Output
tWHZ
20
20
20
ns
Data to Write Time Overlap
tDW
40
50
100
ns
Data Hold from Write Time
tDH
000
ns
End Write to Low-Z Output
tOW
555
ns


유사한 부품 번호 - N04Q1618C2B

제조업체부품명데이터시트상세설명
logo
NanoAmp Solutions, Inc.
N04Q1618C2BB-15C NANOAMP-N04Q1618C2BB-15C Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BB-15I NANOAMP-N04Q1618C2BB-15I Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BB-70C NANOAMP-N04Q1618C2BB-70C Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BB-70I NANOAMP-N04Q1618C2BB-70I Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BB2-15C NANOAMP-N04Q1618C2BB2-15C Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
More results

유사한 설명 - N04Q1618C2B

제조업체부품명데이터시트상세설명
logo
NanoAmp Solutions, Inc.
N04Q16YYC2B NANOAMP-N04Q16YYC2B Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
logo
AMI SEMICONDUCTOR
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com