전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1576 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA1576
상세설명  FM/IF amplifier/demodulator circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1576 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA1576 Datasheet HTML 3Page - NXP Semiconductors TDA1576 Datasheet HTML 4Page - NXP Semiconductors TDA1576 Datasheet HTML 5Page - NXP Semiconductors TDA1576 Datasheet HTML 6Page - NXP Semiconductors TDA1576 Datasheet HTML 7Page - NXP Semiconductors TDA1576 Datasheet HTML 8Page - NXP Semiconductors TDA1576 Datasheet HTML 9Page - NXP Semiconductors TDA1576 Datasheet HTML 10Page - NXP Semiconductors TDA1576 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 Nov 18
7
Philips Semiconductors
Product specification
FM/IF amplifier/demodulator circuit
TDA1576
Note
1. Simultaneously measured.
∆V
8-9
AFC offset voltages at QL =20
Vi = 1 mV; VP = 8.5 V
−−
±100
mV
Vi = 1 mV; VP =15V
−−
±200
mV
Vi =30 µV to 500 mV
(Vref = 1 mV and muting);
VP = 8.5 V
±25
±50
mV
Vi =30 µV to 500 mV
(Vref = 1 mV and muting);
VP =15V
±50
±100
mV
Field strength output; see Fig.7
Vi
indicator sensitivity
I14 = 0
0.02
600
mV
V13
output voltage
R13 = 3.6 kΩ; I14 =0
ViIF =0
0
200
mV
ViIF = 250 mV (RMS)
3.2
3.6
4.1
V
I13
available output current
−2
−−
mA
V13
reverse voltage at output for FM off
V5 > 3.5 V
5
−−
V
Detuning detector
I10
quiescent input current
V10-9 =0
20
100
nA
V11
output voltage
1.8
5.0
V
I11
maximum output current
0.35
0.5
0.65
mA
Gv
voltage gain
∆V
11/∆(±V10-9) at
I11 = 0.25 mA; VP =15V
3.3
V10-9
input offset voltage (pin 10)
V11 = 2.5 V
20
mV
Reference voltage
Vref
reference voltage (pin 12)
I12 = −1 mA; VP = 8.5 V
5.1
V
I12 = −1 mA; VP =15V
5.3
V
I12
available output current
−−2.5
mA
Standby switch
V5
input voltage for FM on
−−
2V
input voltage for FM off
3.5
−−
V
I5
input current for FM on
−−−100
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA1576

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
More results

유사한 설명 - TDA1576

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com