전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1579T 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA1579T
상세설명  Decoder for traffic warning VWF radio transmissions
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1579T 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA1579T Datasheet HTML 1Page - NXP Semiconductors TDA1579T Datasheet HTML 2Page - NXP Semiconductors TDA1579T Datasheet HTML 3Page - NXP Semiconductors TDA1579T Datasheet HTML 4Page - NXP Semiconductors TDA1579T Datasheet HTML 5Page - NXP Semiconductors TDA1579T Datasheet HTML 6Page - NXP Semiconductors TDA1579T Datasheet HTML 7Page - NXP Semiconductors TDA1579T Datasheet HTML 8Page - NXP Semiconductors TDA1579T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
May 1992
4
Philips Semiconductors
Product specification
Decoder for traffic warning (VWF) radio
transmissions
TDA1579
TDA1579T
BK circuit
Switch-on threshold level
pin 3 high-Z
Vo5BKon
600
670
750
mV
Switch hysteresis
3
3.5
4
dB
BK switch threshold level
for BK-off (SK-off)
pin 3
conducting
V4-18off
0.8
0.88
0.97
V
(typ. value = 0.21V8-18)
SK output (pin 3)
allowable load current
I3
−−
1.5
mA
saturation voltage
I3 = 1.5 mA
V3-18sat
−−
0.35
V
rejection voltage
I3 < 5 µAV3-18
18
−−
V
Indicator driver (pin 1)
allowable load current
I1
−−
40
mA
saturation voltage
I1 = 20 mA
V1-18sat
−−
0.8
V
rejection voltage
I1 < 10 µAV1-18
23
−−
V
DK circuit
Switch-on threshold level
pin 2 high-Z
V15DKon
600
670
750
mV
Switch hysteresis
3.1
3.6
4.1
dB
DK switch threshold level
for DK-off (Schmitt
pin 2
trigger output)
conducting
V16-18off
0.6
V
(typ. value 1
× VBE)
DK output (pin 2)
allowable load current
I2
−−
1.5
mA
saturation voltage
I2 = 1.5 mA
V2-18sat
−−
0.35
V
rejection voltage
I2 < 5 µAV2-18
18
−−
V
BK and DK filter amplifiers
Open loop gain
f = 100 Hz
Go
84
−−
dB
Current gain
Gi
120
−−
dB
Input bias current
± Ii
−−
50
nA
Output offset voltage
R5-6 = R14-15
= 680 k
Ω± Vo5-8
−−
50
mV
± V
15-8
Available output current
± Io
1
−−
mA
Output resistance
Ro
2
3.5
k
Allowable load
capacitance
CL
−−
50
pF
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
V
o5BKon
V
o5BKoff
----------------------
V
15DKon
V
15DKoff
----------------------


유사한 부품 번호 - TDA1579T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
   AM receiver circuit
December 1987
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
   Integrated FM tuner for radio receivers
August 1990
More results

유사한 설명 - TDA1579T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1581T PHILIPS-TDA1581T Datasheet
115Kb / 14P
   Decoder for traffic warning VWF radio transmissions
March 1992
logo
List of Unclassifed Man...
TDA1589 ETC1-TDA1589 Datasheet
303Kb / 7P
   Traffic control messages and warning tone circuit
logo
National Semiconductor ...
LM1872 NSC-LM1872 Datasheet
371Kb / 20P
   Radio Control Receiver/Decoder
logo
rfsolutions.ltd
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
logo
American Electronic Com...
DG81B AEC-DG81B Datasheet
225Kb / 2P
   For flasher indicators, hazard warning
logo
OSRAM GmbH
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
   Traffic lights
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
   Traffic technology
logo
List of Unclassifed Man...
2137H ETC-2137H Datasheet
75Kb / 2P
   Proposition 65 warning for California residents
2/5/2006 4:57:08 PM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com