전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT534APWDH 데이터시트(PDF) 6 Page - International Rectifier

부품명 74ABT534APWDH
상세설명  Octal D-type flip-flop, inverting (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

74ABT534APWDH 데이터시트(HTML) 6 Page - International Rectifier

Back Button 74ABT534APWDH Datasheet HTML 2Page - International Rectifier 74ABT534APWDH Datasheet HTML 3Page - International Rectifier 74ABT534APWDH Datasheet HTML 4Page - International Rectifier 74ABT534APWDH Datasheet HTML 5Page - International Rectifier 74ABT534APWDH Datasheet HTML 6Page - International Rectifier 74ABT534APWDH Datasheet HTML 7Page - International Rectifier 74ABT534APWDH Datasheet HTML 8Page - International Rectifier 74ABT534APWDH Datasheet HTML 9Page - International Rectifier 74ABT534APWDH Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ABT534A
Octal D-type flip-flop, inverting (3-State)
1997 Feb 03
6
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
2
1.0 1
1.0 1
0.4
0.3
1.0 1
1.0 1
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
2
0.5
0.5
–0.3
–0.4
0.5
0.5
ns
tw(H)
tw(L)
CP pulse width
High or Low
1
1.5 1
2.0 1
0.8
1.0
1.5 1
2.0 1
ns
NOTE:
1. This datasheet limit may vary among suppliers.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
tw(H)
VM
VM
VM
VM
VM
1/fMAX
tPLH
tPHL
CP
Qn
tw(L)
SA00165
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VM
Dn
VM
VM
VM
VM
VM
CP
ts(H)
th(H)
ts(L)
th(L)
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SA00107
Waveform 2. Data Setup and Hold Times
OE
VM
tPZH
tPHZ
0V
VOH –0.3V
Qn
VM
VM
SA00166
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
OE
tPZL
tPLZ
VOL +0.3V
Qn
VM
VM
VM
SA00167
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


유사한 부품 번호 - 74ABT534APWDH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
More results

유사한 설명 - 74ABT534APWDH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
   Octal 3-State Inverting D Flip-Flop
logo
Motorola, Inc
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
   Octal 3-State Inverting D Flip-Flop
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
   Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
logo
STMicroelectronics
M74HC534 STMICROELECTRONICS-M74HC534 Datasheet
406Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com