전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CM2836 데이터시트(PDF) 1 Page - Champion Microelectronic Corp.

부품명 CM2836
상세설명  300mA LOW ESR CMOS LDO WITH ENABLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHAMP [Champion Microelectronic Corp.]
홈페이지  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2836 데이터시트(HTML) 1 Page - Champion Microelectronic Corp.

  CM2836 Datasheet HTML 1Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2836 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CM2836/B/C
300mA LOW ESR CMOS LDO WITH ENABLE
2007/06/28 Rev1.1
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM2836/B/C family is a positive voltage linear regulator
developed utilizing CMOS technology featured low quiescent
current (30µA typ.), low dropout voltage, and high output
voltage accuracy, making them ideal for battery applications.
EN input connected to CMOS has low bias current. The
space-saving SC70 package is attractive for “Pocket” and
“Hand Held” applications.
These rugged devices have both Thermal Shutdown, and
Current limit to prevent device failure under the “Worst” of
operating conditions.
In application requiring a low noise, regulated supply, place a
1000pF capacitor between Bypass and Ground.
The CM2836/B/C is stable with a Low ESR output
capacitance of 1.0µF or greater.
Very Low Dropout Voltage
Low Current Consumption: Typ. 30µA, Max. 35µA
More Options Output Voltage
High Accuracy Output Voltage: +/- 2%
Guaranteed 300mA Output
Input Range up to 7.0V
Thermal Shutdown
Current Limiting
Stability with Low ESR Capacitors
Compact Package: SOT-23 / SOT-89 / SC70
Factory Pre-set Output Voltages
Low Temperature Coefficient
APPLICATIONS
Battery-powered devices
Personal communication devices
Home electric/electronic appliances
PC peripherals
TYPICAL APPLICATIONS


유사한 부품 번호 - CM2836

제조업체부품명데이터시트상세설명
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836B CHAMP-CM2836B Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BGSIM23 CHAMP-CM2836BGSIM23 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BGSIM75 CHAMP-CM2836BGSIM75 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836BXSIM23 CHAMP-CM2836BXSIM23 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results

유사한 설명 - CM2836

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836 CHAMP-CM2836_09 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com