전자부품 데이터시트 검색엔진 |
|
ST3403 데이터시트(PDF) 3 Page - Stanson Technology |
|
ST3403 데이터시트(HTML) 3 Page - Stanson Technology |
3 / 7 page P Channel Enchancement Mode MOSFET ST3403 -3.5A ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted ) Parameter Symbol Condition Min Typ Max Unit Static Drain-Source Breakdown Voltage V(BR)DSS VGS=0V,ID=-250uA -30 V Gate Threshold Voltage VGS(th) VDS=VGS,ID=-250uA -0.4 -1.0 V Gate Leakage Current IGSS VDS=0V,VGS=±12V ±100 nA VDS=-24V,VGS=0V -1 Zero Gate Voltage Drain Current IDSS VDS=-24V,VGS=0V TJ=85℃ -5 uA On-State Drain Current ID(on) VDS≧-5V,VGS=-4.5V -4 A Drain-source On-Resistance RDS(on) VGS=-10V,ID=-2.8A VGS=-4.5V,ID=-2.5A VGS=-2.5V,ID=-1.5A VGS=-1.8V,ID=-1.0A 0.09 0.100 0.140 0.200 0.105 0.115 0.155 0.255 Ω Forward Transconductance gfs VDS=-10V,ID=-2.8A 4 S Diode Forward Voltage VSD IS=-1.2A,VGS=0V -0.8 -1.2 V Dynamic Total Gate Charge Qg 5.8 Gate-Source Charge Qgs 0.8 Gate-Drain Charge Qgd VDS=-15V,VGS=-4.5V ID≡-2.0A 1.5 nC Input Capacitance Ciss 380 Output Capacitance Coss 55 Reverse Transfer Capacitance Crss VDS=-15V,VGS=0V F=1MHz 40 pF 6 Turn-On Time td(on) tr 3.9 40 Turn-Off Time td(off) tf VDD=-15V,RL=15Ω VGEN=-10V,RG=3Ω ID≡-1.0A 15 nS Page 3 STANSON TECHNOLOGY 120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295 |
유사한 부품 번호 - ST3403 |
|
유사한 설명 - ST3403 |