전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA3567 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 TDA3567
상세설명  NTSC decoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3567 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button TDA3567 Datasheet HTML 2Page - NXP Semiconductors TDA3567 Datasheet HTML 3Page - NXP Semiconductors TDA3567 Datasheet HTML 4Page - NXP Semiconductors TDA3567 Datasheet HTML 5Page - NXP Semiconductors TDA3567 Datasheet HTML 6Page - NXP Semiconductors TDA3567 Datasheet HTML 7Page - NXP Semiconductors TDA3567 Datasheet HTML 8Page - NXP Semiconductors TDA3567 Datasheet HTML 9Page - NXP Semiconductors TDA3567 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
June 1986
6
Philips Semiconductors
Product specification
NTSC decoder
TDA3567
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
CHARACTERISTICS
VP =V1-17 =12 V; Tamb =25 °C; unless otherwise specified
Supply voltage (pin 1)
VP = V1-17
max.
13,2
V
Total power dissipation
Ptot
max.
1,7
W
Storage temperature range
Tstg
−25 to + 150 ° C
Operating ambient temperature range
Tamb
−25 to + 65
° C
From junction to ambient (in free air)
Rth j-a
=
50
K/W
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage
VP =V1-17
9
12
13,2
V
Supply current
IP =I1
65
mA
Total power dissipation
Ptot
0,78
W
Luminance input signal
Input voltage
note 1
(peak-to-peak value)
pin 8
V8-17(p-p)
450
mV
Input voltage level before
clipping occurs in the
input stage
V8-17
−−
1V
Input current
I8
0,15
1,0
µA
Contrast control range
see Fig.2
−17
−+3dB
Input current contrast
control
for V6-17 < 6V
I7
0,5
15
µA
Input current when the
peak-white limiter
is active
V6-17 = 2,5 V
I7
5,5
mA
Input resistance
V6-17 > 6V
R7-17
1,4
2,0
2,6
k
Peaking of luminance signal
Output impedance
pin 13
|Z13-17|
200
−Ω
Ratio of internal/external
current when pin 13 is
short-circuited
3


유사한 부품 번호 - TDA3567

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
TDA3561A PHILIPS-TDA3561A Datasheet
165Kb / 14P
   PAL decoder
September 1982
logo
STMicroelectronics
TDA3562 STMICROELECTRONICS-TDA3562 Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
logo
NXP Semiconductors
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
More results

유사한 설명 - TDA3567

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
TDA4570 PHILIPS-TDA4570 Datasheet
67Kb / 9P
   NTSC decoder
August 1986
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
CXA1218S SONY-CXA1218S Datasheet
704Kb / 15P
   NTSC/PAL Decoder
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
List of Unclassifed Man...
M51271FP ETC1-M51271FP Datasheet
36Kb / 3P
   NTSC/PAL CHROMA DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com