전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2046EIRGVR 데이터시트(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TSC2046EIRGVR
상세설명  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046EIRGVR 데이터시트(HTML) 2 Page - Burr-Brown (TI)

  TSC2046EIRGVR Datasheet HTML 1Page - Burr-Brown (TI) TSC2046EIRGVR Datasheet HTML 2Page - Burr-Brown (TI) TSC2046EIRGVR Datasheet HTML 3Page - Burr-Brown (TI) TSC2046EIRGVR Datasheet HTML 4Page - Burr-Brown (TI) TSC2046EIRGVR Datasheet HTML 5Page - Burr-Brown (TI) TSC2046EIRGVR Datasheet HTML 6Page - Burr-Brown (TI) TSC2046EIRGVR Datasheet HTML 7Page - Burr-Brown (TI) TSC2046EIRGVR Datasheet HTML 8Page - Burr-Brown (TI) TSC2046EIRGVR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TSC2046E
SBAS417 − JUNE 2007
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
+VCC and IOVDD to GND
−0.3V to +6V
. . . . . . . . . . . . . . . . . . . . .
Analog Inputs to GND
−0.3V to +VCC + 0.3V
. . . . . . . . . . . . . . . . .
Digital Inputs to GND
−0.3V to IOVDD + 0.3V
. . . . . . . . . . . . . . . . .
Power Dissipation
250mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−40
°C to +85°C
. . . . . . . . . . . . . . . .
Storage Temperature Range
−65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
IEC Contact Discharge (X+, X−, Y+, Y−)(2)
±15kV
. . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Test method based on IEC standard 61000−4−2. Contact Texas
Instruments for test details.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
NOMINAL
PENIRQ
PULLUP
RESISTOR
VALUES
MAXIMUM
INTEGRAL
LINEARITY
ERROR
(LSB)
PACKAGE-
LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
TSSOP-16
PW
−40
°C to +85°C
TSC2046EI
TSC2046EIPW
Rails, 100
TSSOP-16
PW
−40
°C to +85°C
TSC2046EI
TSC2046EIPWR
Tape and Reel, 2500
TSC2046E
50k
±2
4x4, 0.8mm
Thin
RGV
−40
°C to +85°C
TSC2046E
TSC2046EIRGVT
Tape and Reel, 250
TSC2046E
50k
±2
Thin
QFN-16
RGV
−40
°C to +85°C
TSC2046E
TSC2046EIRGVR
Tape and Reel, 2500
4x4
VFBGA-48
ZQC
−40
°C to +85°C
BC2046E
TSC2046EIZQCR
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see the TI web
site at www.ti.com.


유사한 부품 번호 - TSC2046EIRGVR

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TSC2046EIPW BURR-BROWN-TSC2046EIPW Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046EIPWG4 TI1-TSC2046EIPWG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046EIPWR BURR-BROWN-TSC2046EIPWR Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046EIPWRG4 TI1-TSC2046EIPWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046EIZQCR BURR-BROWN-TSC2046EIZQCR Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
More results

유사한 설명 - TSC2046EIRGVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com