전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTM100UM65DAG 데이터시트(PDF) 6 Page - Microsemi Corporation

부품명 APTM100UM65DAG
상세설명  Single switch with Series diode MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100UM65DAG 데이터시트(HTML) 6 Page - Microsemi Corporation

  APTM100UM65DAG Datasheet HTML 1Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 2Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 3Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 4Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 5Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM100UM65DAG
www.microsemi.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
40
80
120
160
50
94
138
182
226
270
ID, Drain Current (A)
VDS=670V
RG=0.75Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
50
94
138
182
226
270
ID, Drain Current (A)
VDS=670V
RG=0.75Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
2
4
6
8
10
12
14
16
50
94
138
182
226
270
ID, Drain Current (A)
VDS=670V
RG=0.75Ω
TJ=125°C
L=100µH
Eon
Eoff
Eoff
2
6
10
14
18
22
26
0
123
456
78
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=670V
ID=145A
TJ=125°C
L=100µH
Hard
switching
ZCS
0
50
100
150
200
250
300
15
35
55
75
95
115
135
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=670V
D=50%
RG=0.75Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


유사한 부품 번호 - APTM100UM65DAG

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
APTM100UM65DAG MICROSEMI-APTM100UM65DAG Datasheet
257Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM100UM65DAG MICROSEMI-APTM100UM65DAG_08 Datasheet
257Kb / 6P
   Single switch with Series diode MOSFET Power Module
More results

유사한 설명 - APTM100UM65DAG

제조업체부품명데이터시트상세설명
logo
Advanced Power Technolo...
APTM100UM45D-ALN ADPOW-APTM100UM45D-ALN Datasheet
309Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM100UM65D-ALN ADPOW-APTM100UM65D-ALN Datasheet
321Kb / 6P
   Single switch with Series diode MOSFET Power Module
logo
Microsemi Corporation
APTM100UM65DAG MICROSEMI-APTM100UM65DAG_08 Datasheet
257Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM100UM45DAG MICROSEMI-APTM100UM45DAG Datasheet
246Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM120U10DAG MICROSEMI-APTM120U10DAG Datasheet
266Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120UM70D-ALN ADPOW-APTM120UM70D-ALN Datasheet
299Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM120UM70DAG MICROSEMI-APTM120UM70DAG Datasheet
272Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120U100D-ALN ADPOW-APTM120U100D-ALN Datasheet
311Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM120U10DAG MICROSEMI-APTM120U10DAG_08 Datasheet
222Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120UM70F-ALN ADPOW-APTM120UM70F-ALN Datasheet
299Kb / 6P
   Single switch MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com