전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST2226A 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 ST2226A
상세설명  PWM-Controlled Constant Current Driver for LED Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ST2226A 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  ST2226A Datasheet HTML 1Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 2Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 3Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 4Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 5Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 6Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST2226A
ST2226A
Version
A.010
Page
4
Pin Connection (QFN32 Bottom View)
Pin Assignment (QFN32)
Pin No.
NAME
Pin No.
NAME
Pin No.
NAME
1
DIN
12
IGND
23
GND
2
VDD
13
IGND
24
DOUT
3
IOUT0
14
IGND
25
GCLK
4
IOUT1
15
IOUT8
26
DCLK
5
IOUT2
16
IOUT9
27
REXT
6
IOUT3
17
IOUT10
28
IGND
7
IOUT4
18
IOUT11
29
IGND
8
IOUT5
19
IOUT12
30
CMD[2]
9
IOUT6
20
IOUT13
31
CMD[1]
10
IOUT7
21
IOUT14
32
CMD[0]
11
IGND
22
IOUT15
Thermal PAD
IGND
IOUT2
VDD
IOUT0
DIN
IOUT11
DOUT
IOUT15
IOUT14
GND
IOUT3
IOUT4
IOUT5
IOUT10
IOUT12
IOUT13
IOUT1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Thermal PAD


유사한 부품 번호 - ST2226A

제조업체부품명데이터시트상세설명
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
More results

유사한 설명 - ST2226A

제조업체부품명데이터시트상세설명
logo
Silicon Touch Technolog...
DM132 SITI-DM132 Datasheet
383Kb / 24P
   16-Channel PWM-Controlled Constant Current Driver for LED Displays
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
   PWM dimmable LED constant current driver
logo
MORNSUN Science& Techno...
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
logo
MORNSUN Science& Techno...
KC24AH MORNSUN-KC24AH Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
logo
New Japan Radio
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com