전자부품 데이터시트 검색엔진 |
|
93PR500KLF 데이터시트(PDF) 2 Page - Bi technologies |
|
93PR500KLF 데이터시트(HTML) 2 Page - Bi technologies |
2 / 3 page Model 93 1-88 TOP ADJUSTMENT (Inch/mm) 10 0 50 Slot .250 ± .005/6.350 ± 0.127 Long X .030 X .035 /0.762 /0.889 +.000 – .005 +.000 – .005 Wide Deep +0.000 – 0.127 +0.000 – 0.127 Arrow And Graduations In Contrasting Color .028 ± .003/0.711 ± 0.076 Dia Solderable Terminal Pins (2) (3) .10 2.54 .10 2.54 .20 5.08 .50 12.70 Dia (1) Standoff Feet Resistance Marked On This Surface .18 4.57 Min .25 6.35 Max STANDARD RESISTANCE VALUES, OHMS 20 200 2K 20K 100K 500K 50 500 5K 25K 200K 1Meg 100 1K 10K 50K 250K 2Meg |
유사한 부품 번호 - 93PR500KLF |
|
유사한 설명 - 93PR500KLF |