전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4007G 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 1N4007G
상세설명  Axial Lead Standard Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4007G 데이터시트(HTML) 3 Page - ON Semiconductor

  1N4007G Datasheet HTML 1Page - ON Semiconductor 1N4007G Datasheet HTML 2Page - ON Semiconductor 1N4007G Datasheet HTML 3Page - ON Semiconductor 1N4007G Datasheet HTML 4Page - ON Semiconductor 1N4007G Datasheet HTML 5Page - ON Semiconductor 1N4007G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N4001, 1N4002, 1N4003, 1N4004, 1N4005, 1N4006, 1N4007
http://onsemi.com
3
1
0.1
1
0.5
0.6
0.7
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
10
0.8
0.9
1.1
1.2
TC = 25°C
TC = 150°C
TC = 100°C
1.0E−09
800
0
100 200
300 400 500
VR, REVERSE VOLTAGE (V)
Figure 3. Typical Capacitance
600 700
900 1000
TC = 25°C
TC = 150°C
TC = 100°C
1.0E−08
1.0E−07
1.0E−06
1.0E−05
1.0E−04
100
1
160
0
20
40
60
80
100
VR, REVERSE VOLTAGE (V)
10
120 140
180 200
TJ = 25°C


유사한 부품 번호 - 1N4007G

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1N4007G PHILIPS-1N4007G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Guangdong Juxing Electr...
1N4007G JUXING-1N4007G Datasheet
1Mb / 2P
   SILICON RECTIFIER
logo
Gulf Semiconductor
1N4007G GULFSEMI-1N4007G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Leshan Radio Company
1N4007G LRC-1N4007G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
1N4007G LRC-1N4007G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

유사한 설명 - 1N4007G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
NTE Electronics
NTE5800 NTE-NTE5800 Datasheet
17Kb / 2P
   Axial Lead Standard Recovery Silicon Rectifiers, 3 Amp
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com