전자부품 데이터시트 검색엔진 |
|
TDA4570 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
TDA4570 데이터시트(HTML) 6 Page - NXP Semiconductors |
6 / 9 page August 1986 6 Philips Semiconductors Product specification NTSC decoder TDA4570 Notes 1. Expressed as field periods. 2. The sandcastle pulse is compared with three internal threshold levels, which are proportional to the supply voltage. Sandcastle pulse detector (note 2) Input voltage level (pin 15) to separate vertical and horizontal blanking pulses V15-3 1,3 1,6 1,9 V required pulse amplitude V15-3 2,0 2,5 3,0 V to separate horizontal blanking pulse V15-3 3,3 3,6 3,9 V required pulse amplitude V15-3 4,1 4,5 4,9 V to separate burst gating pulse V15-3 6,6 7,1 7,6 V required pulse amplitude V15-3 7,7 −− V Input voltage during horizontal scanning V15-3 −− 1,1 V Input current −I 15 −− 100 µA PARAMETER SYMBOL MIN. TYP. MAX. UNIT |
유사한 부품 번호 - TDA4570 |
|
유사한 설명 - TDA4570 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |