전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

A3P030 데이터시트(Datasheet) 3 Page - List of Unclassifed Manufacturers

부품명 A3P030
상세내용  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

 
 3 page
background image
ProASIC3 Flash Family FPGAs
Pr od uct Br ief
3
ProASIC3 Ordering Information
Note: *The DC and switching characteristics for the –F speed grade targets are based only on simulation.
The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some restrictions
might be added and will be reflected in future revisions of this document. The –F speed grade is only supported in the commercial
temperature range.
Speed Grade
Blank = Standard
1 = 15% Faster than Standard
2 = 25% Faster than Standard
F = 20% Slower than Standard*
A3P1000
FG
_
Part Number
ProASIC3 Devices
ARM-Enabled ProASIC3 Devices
1
Package Type
VQ = Very Thin Quad Flat Pack (0.5 mm pitch)
QN = Quad Flat Pack No Leads (0.5 mm pitch)
TQ = Thin Quad Flat Pack (0.5 mm pitch)
144
I
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Commercial (0°C to +70°C)
I = Industrial (
40°C to +85°C)
Blank = Standard Packaging
G= RoHS-Compliant (Green) Packaging
PP = Pre-Production
ES = Engineering Sample (Room Temperature Only)
30,000 System Gates
A3P030 =
60,000 System Gates
A3P060 =
125,000 System Gates
A3P125 =
250,000 System Gates
A3P250 =
400,000 System Gates
A3P400 =
600,000 System Gates
A3P600 =
1,000,000 System Gates
A3P1000 =
250,000 System Gates
M7A3P250 =
400,000 System Gates
M7A3P400 =
600,000 System Gates
M7A3P600 =
1,000,000 System Gates
M7A3P1000 =
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)




Html 페이지

1  2  3  4  5  6  7  8  9  10  11 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ST92F124_068/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM E3 TM EMULATED EEPROM CAN 2.0B AND J1850 BLPD 1 2 3 4 5 MoreSTMicroelectronics
MTV212M328051 Embedded Monitor Controller Flash Type with ISP 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ATMEGA169V8-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA169V_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA164P_078-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA103_078-bit Microcontroller with 128K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA640V_07018-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
T89C51CC02_06Enhanced 8-bit Microcontroller with CAN Controller and Flash 1 2 3 4 5 MoreATMEL Corporation
AM29LV065D_0664 Megabit 8 M x 8-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL640G64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl