전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD30A8X 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 BD30A8X
상세설명  BRUSHLESS SERVO AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BD30A8X 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  BD30A8X Datasheet HTML 1Page - List of Unclassifed Manufacturers BD30A8X Datasheet HTML 2Page - List of Unclassifed Manufacturers BD30A8X Datasheet HTML 3Page - List of Unclassifed Manufacturers BD30A8X Datasheet HTML 4Page - List of Unclassifed Manufacturers BD30A8X Datasheet HTML 5Page - List of Unclassifed Manufacturers BD30A8X Datasheet HTML 6Page - List of Unclassifed Manufacturers BD30A8X Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BD30A Series
B-19
PIN FUNCTIONS:
CONNECTOR
PIN
NAME
DESCRIPTION / NOTES
I/O
1
PWM+
Same as pin 9
I
2
PWM-
Pulse width modulated digital input
I
3
DIR+
Same as pin 9
I
4
DIR-
Direction input
I
5
INH+
Same as pin 9
I
6
INH-
Pull low to enable
I
7
+FAULT
8
-FAULT
Output transistor turns on and becomes high during
output short circuit, over-voltage, over temperature,
inhibit, and during power-up reset. Fault condition
indicated by red LED.
O
9
+5 IN
+5 V @ 150 mA in to drive opto coupler inputs.
I
10
+V HALL OUT
O
11
GND
Power for HALL sensors, Short circuit protected,
+ 6 V @ 30 mA. See optical signal isolation option
below.
GND
12
HALL 1
13
HALL 2
14
HALL 3
HALL sensor inputs, logic levels, internal 5 K
Ω pull-
up. Maximum low level input is 1.5 V, Minimum high
level input is 3.5 V. See optical signal isolation option
below.
I
15
CURRENT MONITOR
OUT
Current monitor. This signal is proportional to the
actual current in the motor leads. See current limit
adjustments section below for scaling.
O
P1
16
Reserved
1
MOTOR A
Motor phase A connection
O
2
MOTOR B
Motor phase B connection
O
3
MOTOR C
Motor phase C connection
O
4
POWER GND
Power ground
GND
P2
5
HIGH VOLTAGE
DC power input
I


유사한 부품 번호 - BD30A8X

제조업체부품명데이터시트상세설명
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3004HFP ROHM-BD3004HFP Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
More results

유사한 설명 - BD30A8X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
B40A40 ETC1-B40A40 Datasheet
114Kb / 6P
   BRUSHLESS SERVO AMPLIFIERS
logo
Leadshine Technology Co...
BLM LEADSHINE-BLM Datasheet
1Mb / 4P
   BLM Series Brushless DC Servo Motors
logo
List of Unclassifed Man...
10A8DD ETC2-10A8DD Datasheet
161Kb / 5P
   PWM BRUSH TYPE SERVO AMPLIFIERS
MC2310 ETC1-MC2310 Datasheet
1Mb / 59P
   Technical Specifications for Brushless Servo Motion Control
logo
SparkFun Electronics
ROB-12444 SPARKFUN-ROB-12444 Datasheet
91Kb / 1P
   Servo Mount - Servo Plate B
2/10/2016
ROB-12330 SPARKFUN-ROB-12330 Datasheet
93Kb / 1P
   Servo Mount - Servo Plate A
2/10/2016
ROB-12292 SPARKFUN-ROB-12292 Datasheet
97Kb / 1P
   Servo Mount - Servo Plate D
2/10/2016
ROB-12237 SPARKFUN-ROB-12237 Datasheet
95Kb / 1P
   Servo Mount - Servo Plate C
2/10/2016
logo
List of Unclassifed Man...
NE544 ETC1-NE544 Datasheet
300Kb / 6P
   SERVO AMPLIFIER
logo
Festo Corporation.
8148273 FESTO-8148273 Datasheet
102Kb / 3P
   Servo motor
5/30/22
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com