전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4691 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA4691
상세설명  Sync Processor with Clock SPC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4691 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA4691 Datasheet HTML 4Page - NXP Semiconductors TDA4691 Datasheet HTML 5Page - NXP Semiconductors TDA4691 Datasheet HTML 6Page - NXP Semiconductors TDA4691 Datasheet HTML 7Page - NXP Semiconductors TDA4691 Datasheet HTML 8Page - NXP Semiconductors TDA4691 Datasheet HTML 9Page - NXP Semiconductors TDA4691 Datasheet HTML 10Page - NXP Semiconductors TDA4691 Datasheet HTML 11Page - NXP Semiconductors TDA4691 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
September 1993
8
Philips Semiconductors
Preliminary specification
Sync Processor with Clock (SPC)
TDA4691
CHARACTERISTICS
VP1 =8V; VP2 = 5 V; measured at Tamb = +25 °C; unless otherwise specified; application see Figs 10 and 11; video
input signal referenced to CCIR standard.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pins 19 and 12; all voltages are measured with regard to ground (pins 3 and 8))
V19
supply voltage
7.2
8.0
8.8
V
IP1
supply current
20
30
mA
V12
supply voltage
same rise time as V19 4.5
5.0
5.5
V
IP2
supply current
15
30
mA
Ptot
total power dissipation
260
430
mW
Sync separator (pin 20)
V20(p-p)
input voltage (peak-to-peak value)
AC coupled
12
V
V20(p-p)
sync amplitude (peak-to-peak value)
0.1
0.6
V
RG
source resistor of generator
−−
1k
I20
current during sync
−−30
−µA
I20
current during remaining time
1
−µA
Black level (pin 1)
SLH
slicing level H
50
%
SLV
slicing level V
50
%
Sync output (pin 9)
V9
no sync
I9 = +1mA
0.3
V
V9
positive sync
I9 = −1 mA
2.7
V12
V
CL
load capacitance
−−
40
pF
t1
time delay between pin 20 and pin 9
see Fig.3
100
200
500
ns
t2
time delay between pin 20 and pin 9
see Fig.3
100
300
500
ns
Phase detector (pins 16 and 17)
f0
nominal sync frequency
15.625
kHz
f0’fosc : 864 = phiref
15.625
kHz
I17
current at sync time
(fast and normal time constant)
−±240
−µA
I17
current at sync time (slow time constant)
−±80
−µA
I16
current at sync time
time constant T1
−±2
mA
V17
filter 2 voltage
1.5
3
4.5
V
V16
filter 1 voltage
1.5
3
4.5
V
∆f
0/∆V16
VCO sensitivity
see VCO
360
kHz/V
13.5 MHz VCO (pin 15)
R15
f0 defining resistor
see Fig.4(a)
3.75
k
V15
pin voltage (V19 dependent)
see Fig.4(a)
2.9
3
3.1
V
I15
current for 13.5 MHz
−720
−800
−880
µA
gVCO
transconductance at f0
15.2
18.6
kHz/
µA


유사한 부품 번호 - TDA4691

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
TDA4600 MOTOROLA-TDA4600 Datasheet
313Kb / 6P
   CONTROL IC FOR LINE ISOLATED FREELY OSCILLATING FLYBACK CONVERTER
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
TDA4601-D SIEMENS-TDA4601-D Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
More results

유사한 설명 - TDA4691

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M52001SP MITSUBISHI-M52001SP Datasheet
852Kb / 16P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52036SP RENESAS-M52036SP Datasheet
254Kb / 14P
   SYNC SIGNAL PROCESSOR
Rev.1.0 Sep.22.2003
logo
Mitsubishi Electric Sem...
M52347SP MITSUBISHI-M52347SP Datasheet
131Kb / 13P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52347SP RENESAS-M52347SP Datasheet
218Kb / 17P
   Sync Signal Processor
logo
Siemens Semiconductor G...
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
   Clock Sync Generator
logo
List of Unclassifed Man...
WT9051 ETC1-WT9051 Datasheet
1Mb / 42P
   SYNC SINGAL PROCESSOR TOR MILTI-SYNC DISPLAY
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
   SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
Motorola, Inc
MC44145 MOTOROLA-MC44145 Datasheet
73Kb / 8P
   PIXEL CLOCK GENERATOR / SYNC SEPARATOR
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com