전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4800 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA4800
상세설명  Vertical deflection circuit for monitor applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4800 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA4800 Datasheet HTML 3Page - NXP Semiconductors TDA4800 Datasheet HTML 4Page - NXP Semiconductors TDA4800 Datasheet HTML 5Page - NXP Semiconductors TDA4800 Datasheet HTML 6Page - NXP Semiconductors TDA4800 Datasheet HTML 7Page - NXP Semiconductors TDA4800 Datasheet HTML 8Page - NXP Semiconductors TDA4800 Datasheet HTML 9Page - NXP Semiconductors TDA4800 Datasheet HTML 10Page - NXP Semiconductors TDA4800 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Mar 27
7
Philips Semiconductors
Product specification
Vertical deflection circuit for monitor
applications
TDA4800
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. I6, I7 and I8 are limited by SOAR protection circuit that ensures that short-circuiting between the output pin 7 and
supply voltage or ground does not destroy the output stage. A short-circuit may be soldered into the printed-circuit
board or may sometimes (non-periodically) occur in the applied circuit.
2. The maximum value for the operating ambient temperature range and the power dissipation depends on the
heatsink.
3. Internally limited by thermal protection: switching temperature point at Tj = 150 ±8 °C.
4. Human body model: 1.5 k
Ω, 100 pF, 5 pulses.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V2
voltages
0
6
V
V11
024
V
V12
06V
V13
050
V
V10
supply voltages (VP)
0
50
V
V9
050
V
V7
060
V
V6
060
V
V5
06V
V4
024
V
V3
−0.7
+6
V
I1
currents
0
−1mA
I3
+3
−10
mA
I4
0
−5mA
I6, I7, I8
note 1
I9
−1.5
+1.5
A
I11
−0.1
+30
mA
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
note 2
−20
+70
°C
Tj
junction temperature
note 3
150
°C
Ptot
total power dissipation
note 2
−−
W
VESD
ESD sensitivity
note 4
−2000
+2000
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
20
K/W
Rth(j-mb)
thermal resistance from junction to mounting base
5
K/W


유사한 부품 번호 - TDA4800

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4814A SIEMENS-TDA4814A Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
TDA4817G SIEMENS-TDA4817G Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
More results

유사한 설명 - TDA4800

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7085 NTE-NTE7085 Datasheet
21Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for Monitor
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
NTE1855 NTE-NTE1855 Datasheet
23Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Driver Circuit for TV Monitor
logo
STMicroelectronics
STV9380A STMICROELECTRONICS-STV9380A Datasheet
129Kb / 10P
   Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
STV9383 STMICROELECTRONICS-STV9383 Datasheet
129Kb / 10P
   Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
September 1996
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
   Horizontal and vertical deflection monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com