전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4885 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA4885
상세설명  150 MHz video controller with I2C-bus
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4885 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA4885 Datasheet HTML 1Page - NXP Semiconductors TDA4885 Datasheet HTML 2Page - NXP Semiconductors TDA4885 Datasheet HTML 3Page - NXP Semiconductors TDA4885 Datasheet HTML 4Page - NXP Semiconductors TDA4885 Datasheet HTML 5Page - NXP Semiconductors TDA4885 Datasheet HTML 6Page - NXP Semiconductors TDA4885 Datasheet HTML 7Page - NXP Semiconductors TDA4885 Datasheet HTML 8Page - NXP Semiconductors TDA4885 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
1997 Nov 25
2
Philips Semiconductors
Product specification
150 MHz video controller with I2C-bus
TDA4885
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
QUICK REFERENCE DATA
5
BLOCK DIAGRAM
6
PINNING
7
FUNCTIONAL DESCRIPTION
7.1
Signal input stage
(input clamping, blanking and clipping)
7.2
Electronic potentiometer stages
7.2.1
Contrast control (driven by I2C-bus, 6-bit DAC)
7.2.2
Brightness control (driven by I2C-bus, 6-bit
DAC)
7.2.3
Gain control (driven by I2C-bus, 6-bit DAC) and
grey scale tracking
7.3
Output stage
7.4
Pedestal blanking
7.5
Output clamping, feedback references and
DAC outputs
7.6
Clamping and blanking pulses
7.7
On Screen Display (OSD)
7.8
Limiting by contrast reduction
7.9
Gain modulation
7.10
I2C-bus control
8
LIMITING VALUES
9
THERMAL CHARACTERISTICS
10
CHARACTERISTICS
11
I2C-BUS PROTOCOL
12
INTERNAL CIRCUITRY
13
TEST AND APPLICATION INFORMATION
13.1
Test application
13.2
Recommendations for building the application
board
14
PACKAGE OUTLINE
15
SOLDERING
15.1
Introduction
15.2
Soldering by dipping or by wave
15.3
Repairing soldered joints
16
DEFINITIONS
17
LIFE SUPPORT APPLICATIONS
18
PURCHASE OF PHILIPS I2C COMPONENTS


유사한 부품 번호 - TDA4885

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
   Advanced monitor video controller for OSD
1997 Nov 26
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
TDA4886A PHILIPS-TDA4886A Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Dec 04
More results

유사한 설명 - TDA4885

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4886A PHILIPS-TDA4886A Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Dec 04
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
logo
National Semiconductor ...
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
List of Unclassifed Man...
NJW1321 ETC2-NJW1321 Datasheet
167Kb / 12P
   WIDE BAND VIDEO SWITCH WITH I2C BUS
logo
Sony Corporation
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com