전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5636B 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA5636B
상세설명  9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5636B 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA5636B Datasheet HTML 6Page - NXP Semiconductors TDA5636B Datasheet HTML 7Page - NXP Semiconductors TDA5636B Datasheet HTML 8Page - NXP Semiconductors TDA5636B Datasheet HTML 9Page - NXP Semiconductors TDA5636B Datasheet HTML 10Page - NXP Semiconductors TDA5636B Datasheet HTML 11Page - NXP Semiconductors TDA5636B Datasheet HTML 12Page - NXP Semiconductors TDA5636B Datasheet HTML 13Page - NXP Semiconductors TDA5636B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Dec 02
10
Philips Semiconductors
Product specification
9 V VHF hyperband and UHF mixer/oscillator
for TV and VCR 3-band tuners
TDA5636B; TDA5637B
Notes
1. The RF frequency range is defined by the oscillator frequency range and the intermediate frequency.
2. The gain is defined as the transducer gain (measured in Fig.17) plus the voltage transformation ratio of L6 to L7
(10 : 2, 15.4 dB including transformer loss).
3. The input level causing 10 kHz frequency detuning at the LO output; fosc =fRF + 33.4 MHz.
4. Limits are related to the tank circuits used in Fig.17. Frequency bands may be adjusted by the choice of external
components.
5. The frequency shift is defined as the change in oscillator frequency when the supply voltage varies from
VP = 9 to 8.1 V and from VP = 9 to 9.9 V.
6. The frequency drift is defined as the change in oscillator frequency when the ambient temperature varies from
Tamb =25to0 °C and from Tamb = 25 to 50 °C.
7. Switch on drift is defined as the change in oscillator frequency between 5 s and 15 min after switch on.
8. SRF: spurious signal on LO with respect to LO output signal:
RF level = 120 dB
µV at fRF < 180 MHz
RF level = 107.5 dB
µV at fRF = 180 to 225 MHz
RF level = 97 dB
µV at fRF = 225 to 860 MHz.
Band C oscillator
fOSC
oscillator frequency
note 4
470
900
MHz
fshift
frequency shift
∆VP = 10%; note 5
−−
500
kHz
fdrift
frequency drift
∆T=25 °C with compensation; note 6
−−
1400
kHz
5 s to 15 min. after switch on; note 7
−−
400
kHz
LO output
S22
output reflection coefficient
see Fig.16
−−−
Yo
output admittance
(YP +jωCP)
see Fig.16
400
−Ω
see Fig.16
1.0
pF
Vo
output voltage
RL =50 Ω
83
91
100
dB
µV
SRF
spurious signal on LO output
with respect to LO output
signal
RL =50 Ω; note 8
−−−10
dBc
HLO
LO signal harmonics with
respect to LO signal
RL =50 Ω
−−−10
dBc
IF amplifier characteristics
S22
output reflection coefficient
magnitude; through 1 nF; see Fig.15
−−21.3 −
dB
phase; through 1 nF; see Fig.15
49
deg
Zo
output impedance
(Rs +jLsω)
Rs; through 1 nF
110
−Ω
Ls; through 1 nF
65
nH
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA5636B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5636M PHILIPS-TDA5636M Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5636T PHILIPS-TDA5636T Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
More results

유사한 설명 - TDA5636B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com