전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5633T 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA5633T
상세설명  9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5633T 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA5633T Datasheet HTML 1Page - NXP Semiconductors TDA5633T Datasheet HTML 2Page - NXP Semiconductors TDA5633T Datasheet HTML 3Page - NXP Semiconductors TDA5633T Datasheet HTML 4Page - NXP Semiconductors TDA5633T Datasheet HTML 5Page - NXP Semiconductors TDA5633T Datasheet HTML 6Page - NXP Semiconductors TDA5633T Datasheet HTML 7Page - NXP Semiconductors TDA5633T Datasheet HTML 8Page - NXP Semiconductors TDA5633T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Aug 16
2
Philips Semiconductors
Product specification
9 V VHF and UHF mixers/oscillators for
TV and VCR cable tuners
TDA5632; TDA5633
FEATURES
• Balanced mixer with a common emitter input for band A
• 2-pin oscillator for band A
• Balanced mixer with a common base input for band C
• 4-pin oscillator for band C
• Local oscillator buffer output for external prescaler
• SAW filter preamplifier with a low output impedance to
drive a 75
Ω load
• Band gap voltage stabilizer for oscillator stability
• Electronic band switch
• External IF filter connected between the mixer output
and the IF amplifier input.
APPLICATIONS
• Cable tuners for TV and VTR; switched concept for VHF
• Recommended RF bands for Europe:
48.25 to 105.25 MHz, 112.25 to 294.25 MHz and
471.25 to 855.25 MHz
• Recommended RF bands for the USA:
55.25 to 133.25 MHz, 139.25 to 361.25 MHz and
367.25 to 801.25 MHz.
DESCRIPTION
The TDA5632 and TDA5633 are monolithic integrated
circuits that perform VHF and UHF mixer/oscillator
functions in TV and VCR cable tuners. With correct
oscillator application and by using a switchable inductor to
split the VHF band into two sub-bands, the full VHF/UHF
TV bands can be covered. These low-power
mixers/oscillators require a power supply of 9 V and are
available in a very small package.
The devices provide the designer with the capability to
design an economical and physically small cable tuner.
The tuner development time can be drastically reduced by
using this device.
Frequency bands are determined by the external tank
circuit. They can be adapted to various standards.
QUICK REFERENCE DATA
Note
1. The limits are related to the tank circuits used in Fig.10 and the intermediate frequency. Frequency bands may be
adjusted by the choice of external components. Another UHF frequency range is available by modifying the tank
circuit. The modification enables the following frequency range:
a) RF frequencies from 361.25 to 801.25 MHz (picture carrier).
b) Oscillator frequencies from 407 to 847 MHz. For this UHF range, L4 = 3 turns (diameter = 3.5 mm).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
9.0
V
IP
supply current
40
mA
fRF
frequency range (picture carrier)
RF input; band A; note 1
57.5
357.5
MHz
RF input; band C; note 1
469.5
887.5
MHz
Gv
voltage gain
band A (75
Ω load)
19
dB
band C (75
Ω load)
30
dB
NF
noise figure
band A (75
Ω load)
10
dB
band C (75
Ω load)
9.5
dB
Vo
output voltage to obtain 1% cross
modulation in channel
band A (75
Ω load)
110
dB
µV
band C (75
Ω load)
110
dB
µV


유사한 부품 번호 - TDA5633T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5630M PHILIPS-TDA5630M Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630T PHILIPS-TDA5630T Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5631 PHILIPS-TDA5631 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results

유사한 설명 - TDA5633T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com