전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5744TS 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA5744TS
상세설명  Low power mixers/oscillators for hyperband tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5744TS 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA5744TS Datasheet HTML 6Page - NXP Semiconductors TDA5744TS Datasheet HTML 7Page - NXP Semiconductors TDA5744TS Datasheet HTML 8Page - NXP Semiconductors TDA5744TS Datasheet HTML 9Page - NXP Semiconductors TDA5744TS Datasheet HTML 10Page - NXP Semiconductors TDA5744TS Datasheet HTML 11Page - NXP Semiconductors TDA5744TS Datasheet HTML 12Page - NXP Semiconductors TDA5744TS Datasheet HTML 13Page - NXP Semiconductors TDA5744TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1998 Mar 09
10
Philips Semiconductors
Preliminary specification
Low power mixers/oscillators for
hyperband tuners
TDA5744; TDA5745
Fig.6 Cross modulation measurement in the VHF band.
(1) N1 is 2
× 5 turns.
(2) N2 is 2 turns.
Zi >> 50 Ω⇒ Vi =2 × Vmeas; V’meas =Vo − 16 dB (transformer ratio
and transformer loss).
Wanted input signal Vi =80dBµV at wanted fRF = 45.25 MHz (399.25 MHz).
Measured level of the unwanted output signal Vou causing 1% AM modulation in the wanted output signal;
unwanted fRF = 50.75 MHz (404.75 MHz); Vou =V’meas +16dB.
N1
N2
--------
5
=
handbook, full pagewidth
unwanted
signal
source
eu
ew
50
50
wanted
signal
source
50
MGL275
D.U.T.
18 dB
attenuator
50
o
V
FILTER
38.9 MHz
modulation
analyzer
HYBRID
AC
BD
V
RMS
voltmeter
Vi
AM = 30%
meas
V'
VHFIN
IFOUT1
IFOUT2
C
T
50
V
Vmeas
RMS
voltmeter
(1)
N1
(2)
N2
Fig.7 Cross modulation measurement in the UHF band.
handbook, full pagewidth
unwanted
signal
source
50
50
wanted
signal
source
50
50
MGL276
D.U.T.
18 dB
attenuator
50
o
V
FILTER
38.9 MHz
modulation
analyzer
HYBRID
AC
BD
HYBRID
AC
BD
V
RMS
voltmeter
Vi
AM = 30%
eu
ew
(1)
N1
(2)
N2
UHFIN1 IFOUT1
IFOUT2
UHFIN2
C
T
50
V
Vmeas
RMS
voltmeter
(1) N1 is 2
× 5 turns.
(2) N2 is 2 turns.
Vi =Vmeas; V’meas =Vo − 16 dB (transformer ratio
and transformer loss).
Wanted input signal Vi =70dBµV at fRF = 407.25 MHz (855.25 MHz).
Measured level of the unwanted output signal Vou causing 1% AM modulation in the wanted output signal;
unwanted fRF = 412.75 MHz (860.75 MHz); Vou =V’meas +16dB.
N1
N2
--------
5
=


유사한 부품 번호 - TDA5744TS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
TDA5702N ETC1-TDA5702N Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
TDA5703 ETC1-TDA5703 Datasheet
158Kb / 4P
   ANALOG-TO-DIGITAL CONVERTERR
TDA5703N ETC1-TDA5703N Datasheet
158Kb / 4P
   ANALOG-TO-DIGITAL CONVERTERR
TDA5708 ETC-TDA5708 Datasheet
708Kb / 20P
   PHOTO DIODE SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
More results

유사한 설명 - TDA5744TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8010M PHILIPS-TDA8010M Datasheet
83Kb / 11P
   Low power mixers/oscillators for satellite tuners
1996 Oct 24
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
logo
Infineon Technologies A...
SD199E6327 INFINEON-SD199E6327 Datasheet
56Kb / 5P
   For Hyperband TV / VTR tuners, Bd I
2007-03-28
logo
NXP Semiconductors
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
logo
Siemens Semiconductor G...
BF569 SIEMENS-BF569 Datasheet
37Kb / 3P
   PNP Silicon RF Transistor (fOR OSCILLATORS, MIXERS AND SELF-OSCILLATING MIXER STAGES IN uhf tv TUNERS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com