전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5470-008-A-B 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 SM5470-008-A-B
상세설명  Low Cost Packaged Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SM5470-008-A-B 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  SM5470-008-A-B Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5470-008-A-B Datasheet HTML 2Page - List of Unclassifed Manufacturers SM5470-008-A-B Datasheet HTML 3Page - List of Unclassifed Manufacturers SM5470-008-A-B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM5430/SM5470
B- Horizontal Barb Configuration
1
19.60±0.25
10.26±0.25
7.52±0.13
3.00±0.08
5.54±0.25
3.00±0.08
3.00±0.08
1.27±0.04 [TYP]
5.54±0.25
10.31±0.20
4°+3°
-0°
0.84±0.10
0.25±0.02
DIFFERENTIAL TYPE
1
GAUGE / ABSOLUTE TYPE
NOTE:
1) ALL THE DIMENSIONS ARE IN MM
2) GAUGE/ABSOLUTE TYPE DIMENSIONS
ARE SAME AS DIFFERENTIAL TYPE
EXCEPT GAUGE/ABSOLUTE TYPE HAS
ONE SIDE PORT
0.41±0.08
16PL
5.00±0.08
Ø1.10
C- Vertical Barb Configuration
1
10.26±0.25
7.52±0.13
1.27±0.04 [TYP]
10.31±0.20
4°+3°
-0°
0.84±0.10
0.25±0.02
DIFFERENTIAL TYPE
GAUGE / ABSOLUTE TYPE
NOTE:
1) ALL THE DIMENSIONS ARE IN MM
2) GAUGE/ABSOLUTE TYPE DIMENSIONS
ARE SAME AS DIFFERENTIAL TYPE
EXCEPT GAUGE/ ABSOLUTE TYPE HAS
ONE VERTICAL PORT
0.41±0.08
16PL
PIN 1 MARKING
2XØ1.24
2XØ2.21
2XØ3.00
5.50
10.39±0.25
1
5.54±0.25
3.00±0.08
3.00±0.08
Dimensions (in millimeters) -- SM5430/SM5470
Notice:
Silicon Microstructures, Inc. reserves the right to make changes to the product contained in this publication. Silicon Microstructures, Inc. assumes no
responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the
circuits are free of patent infringement. While the information in this publication has been checked, no responsibility, however, is assumed for inaccuracies.
Silicon Microstructures, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications
 2004-2006
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ sales@si-micro.com ♦ www.si-micro.com
Rev 1.3 07_06


유사한 부품 번호 - SM5470-008-A-B

제조업체부품명데이터시트상세설명
logo
Silicon Mitus, Inc.
SM5470 SILICONMITUS-SM5470 Datasheet
881Kb / 2P
   A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode
July 2021 Rev. 0.0.0
More results

유사한 설명 - SM5470-008-A-B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SM5420 ETC2-SM5420 Datasheet
216Kb / 2P
   Low-Cost, SO-8 Packaged Pressure Sensor
logo
Sensortechnics GmbH
SCX01DNC SENSORTECHNICS-SCX01DNC Datasheet
111Kb / 4P
   Low cost compensated pressure sensors
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
   Low Cost, Stainless Steel,Isolated Pressure Sensors
logo
Honeywell Accelerometer...
19C015PV1L HONEYWELL-ACC-19C015PV1L Datasheet
630Kb / 8P
   Low Cost, Stainless Steel, Isolated Pressure Sensors
logo
Sensortechnics GmbH
SDX15A2 SENSORTECHNICS-SDX15A2 Datasheet
94Kb / 4P
   Low cost compensated pressure sensors in DIP package
SXL010D SENSORTECHNICS-SXL010D Datasheet
51Kb / 2P
   Low pressure sensors
SLP004D SENSORTECHNICS-SLP004D Datasheet
71Kb / 4P
   Low pressure sensors
logo
All Sensors Corporation
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com