전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC512TWN1-25P-A1 데이터시트(PDF) 1 Page - Cree, Inc

부품명 LC512TWN1-25P-A1
상세설명  5-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

LC512TWN1-25P-A1 데이터시트(HTML) 1 Page - Cree, Inc

  LC512TWN1-25P-A1 Datasheet HTML 1Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 2Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 3Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 4Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 5Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® 5-mm Round LED
Model # LC52TWN-25P-A
Data Sheet
25-degree, 5-mm round LED lamp in white color with water-transparent lens and stopper
Applications
Advertising Signs
Indicators
LCD Back Light
Illuminations
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
25
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note: Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 20 mA
V
3.4
4.0
Forward Voltage
V
F
I
F = 1.0 µA
V
1.7
2.5
Reverse Current
I
R
V
R = 5 V
μA
100
Luminous Intensity
I
V
I
F = 20 mA
mcd
4180
7200
Chromaticity
Coordinates
x
I
F = 20 mA
0.31
y
I
F = 20 mA
0.32
50% Power Angle
2θ½H-H
I
F = 20 mA
deg
25


유사한 부품 번호 - LC512TWN1-25P-A1

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
LC512TWN1-25G-A MARKTECH-LC512TWN1-25G-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC512TWN1-25H-A MARKTECH-LC512TWN1-25H-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
Cree, Inc
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
More results

유사한 설명 - LC512TWN1-25P-A1

제조업체부품명데이터시트상세설명
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com