전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3-PPG1-01-N1 데이터시트(PDF) 1 Page - Cree, Inc

부품명 LM3-PPG1-01-N1
상세설명  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

LM3-PPG1-01-N1 데이터시트(HTML) 1 Page - Cree, Inc

  LM3-PPG1-01-N1 Datasheet HTML 1Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 2Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 3Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 4Page - Cree, Inc LM3-PPG1-01-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® SMD LED
Model # LM3-PPG-0-N
Data Sheet
120-degree, 2.7 x 2.0 mm, SMT LED in green color with water-transparent lens
Applications
Indicators
Illuminations
LCD Back Lights
Automobile Applications
RGB Full-Color Displays
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
25
mA
Peak Forward Current Note 1
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient Note 2
R
THJA
450
°C/W
Junction/Solder Point
R
THJS
300
°C/W
Notes:
Pulse width ≤0.1 msec, duty ≤1/10.
Rth test condition: mounted on PCB FR4 (pad size ≥16 mm2)
Typical Electrical & Optical Characteristics (T
A = 25°C )
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 20 mA
V
3.4
4.0
Reverse Current
I
R
V
R = 5 V
μA
10
Luminous Intensity
I
V
I
F = 20 mA
mcd
450
640
Dominant Wavelength
λ
D
I
F = 20 mA
nm
520
527
540
50% Power Angle
2θ½
I
F = 20 mA
deg
120
1.
2.


유사한 부품 번호 - LM3-PPG1-01-N1

제조업체부품명데이터시트상세설명
logo
Cree, Inc
LM3-PBG1-01-N1 CREE-LM3-PBG1-01-N1 Datasheet
323Kb / 5P
   SMD LED
LM3-PBL1-01-N1 CREE-LM3-PBL1-01-N1 Datasheet
338Kb / 5P
   SMD LED
More results

유사한 설명 - LM3-PPG1-01-N1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com