전자부품 데이터시트 검색엔진 |
|
54ACT11002 데이터시트(PDF) 3 Page - Texas Instruments |
|
54ACT11002 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 5 page 54ACT11002, 74ACT11002 QUADRUPLE 2-INPUT POSITIVE-NOR GATES SCAS003A – D2957, JUNE 1987 – REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 2–3 switching characteristics over recommended ranges of supply voltage and free-air temperature (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C 54ACT11002 74ACT11002 UNIT PARAMETER (INPUT) (OUTPUT) MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y 1.5 6.1 9.4 1.5 11.3 1.5 10.6 ns tPHL A or B Y 1.5 5.3 7.8 1.5 9.5 1.5 8.7 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per gate CL = 50 pF, f = 1 MHz 29 pF PARAMETER MEASUREMENT INFORMATION VOLTAGE WAVEFORMS LOAD CIRCUIT Input (see Note B) 1.5 V 1.5 V 50% VCC 50% VCC tPHL tPLH 3 V Output VOL VOH 0 V From Output Under Test CL = 50 pF (see Note A) 500 Ω NOTES: A. CL includes probe and jig capacitance. B. Input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns. C. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - 54ACT11002 |
|
유사한 설명 - 54ACT11002 |