전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7057Q 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA7057Q
상세설명  2 x 3 W stereo BTL audio output amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7057Q 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA7057Q Datasheet HTML 1Page - NXP Semiconductors TDA7057Q Datasheet HTML 2Page - NXP Semiconductors TDA7057Q Datasheet HTML 3Page - NXP Semiconductors TDA7057Q Datasheet HTML 4Page - NXP Semiconductors TDA7057Q Datasheet HTML 5Page - NXP Semiconductors TDA7057Q Datasheet HTML 6Page - NXP Semiconductors TDA7057Q Datasheet HTML 7Page - NXP Semiconductors TDA7057Q Datasheet HTML 8Page - NXP Semiconductors TDA7057Q Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
May 1992
4
Philips Semiconductors
Objective specification
2 x 3 W stereo BTL audio output amplifier
TDA7057Q
PINNING
SYMBOL
PIN
DESCRIPTION
SGND1
1
signal ground 1
VI(1)
2
voltage input 1
VP
3
positive supply voltage
VI(2)
4
voltage input 2
SGND2
5
signal ground 2
n.c.
6
not connected
n.c.
7
not connected
OUT2+
8
positive output 2
PGND2
9
power ground 2
OUT2
10
negative output 2
OUT1
11
negative output 1
PGND1
12
power ground 1
OUT1+
13
positive output 1
Fig.2 Pin configuration.
handbook, halfpage
MCD391
1
2
3
4
5
6
7
8
9
10
11
12
13
TDA7057Q
SGND1
SGND2
OUT2
+
I (2)
V
P
V
I (1)
V
n.c.
OUT1 +
OUT2 –
PGND1
PGND2
OUT1 –
n.c.


유사한 부품 번호 - TDA7057Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA7057A PHILIPS-TDA7057A Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
More results

유사한 설명 - TDA7057Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
   2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com