전자부품 데이터시트 검색엔진 |
|
SI5322 데이터시트(PDF) 1 Page - Silicon Laboratories |
|
SI5322 데이터시트(HTML) 1 Page - Silicon Laboratories |
1 / 16 page Preliminary Rev. 0.47 7/07 Copyright © 2007 by Silicon Laboratories Si5322 This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Si5322 PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER Description The Si5322 is a low jitter, precision clock multiplier for high-speed communication systems, including SONET OC-48/OC-192, Ethernet, and Fibre Channel. The Si5322 accepts dual clock inputs ranging from 19.44 to 707 MHz and generates two equal frequency- multiplied clock outputs ranging from 19.44 to 1050 MHz. The input clock frequency and clock multiplication ratio are selectable from a table of popular SONET, Ethernet, and Fibre Channel rates. The Si5322 is based on Silicon Laboratories' 3rd- generation DSPLL® technology, which provides any- rate frequency synthesis in a highly integrated PLL solution that eliminates the need for external VCXO and loop filter components. The DSPLL loop bandwidth is digitally programmable, providing jitter performance optimization at the application level. Operating from a single 1.8, 2.5, or 3.3 V supply, the Si5322 is ideal for providing clock multiplication in high performance timing applications. Applications SONET/SDH OC-48/OC-192 line cards GbE/10GbE, 1/2/4/8/10GFC line cards ITU G.709 line cards Optical modules Test and measurement Features Selectable output frequencies ranging from 19.44 to 1050 MHz Low jitter clock outputs with jitter generation as low as 0.6 psRMS (50kHz–80MHz) Integrated loop filter with selectable loop bandwidth (30 kHz to 1.3 MHz) Dual clock inputs with manual or automatically controlled hitless switching Dual clock outputs with selectable signal format: LVPECL, LVDS, CML, CMOS Support for ITU G.709 FEC ratios (255/238, 255/237, 255/236) LOS alarm output Pin-controlled output phase adjust Pin-programmable settings On-chip voltage regulator for 1.8, 2.5, or 3.3 V ±10% operation Small size: 6 x 6 mm 36-lead QFN Pb-free, RoHS compliant PRELIMINARY DATA SHEET DSPLL ® Loss of Signal Clock Select Bandwidth Select Frequency Select Disable/BYPASS Signal Format CKOUT2 CKIN1 CKOUT1 CKIN2 Control Manual/Auto Switch Signal Detect VDD (1.8, 2.5, or 3.3 V) GND |
유사한 부품 번호 - SI5322 |
|
유사한 설명 - SI5322 |