전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA-3528F4C 데이터시트(PDF) 1 Page - Kingbright Corporation

부품명 KA-3528F4C
상세설명  IBFRA-RED EMITTING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528F4C 데이터시트(HTML) 1 Page - Kingbright Corporation

  KA-3528F4C Datasheet HTML 1Page - Kingbright Corporation KA-3528F4C Datasheet HTML 2Page - Kingbright Corporation KA-3528F4C Datasheet HTML 3Page - Kingbright Corporation KA-3528F4C Datasheet HTML 4Page - Kingbright Corporation KA-3528F4C Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: KDA0434
REV NO: V.1
DATE: SEP/21/2001
PAGE: 1 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
KA-3528F3C
KA-3528SF4C
INFRA-RED EMITTING DIODES
Features
!
SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
!
AVAILABLE ON TAPE AND REEL.
!
COMPATIBLE WITH AUTOMATIC PLACEMENT
EQUIPMENT.
!
HIGH RELIABILITY AND LONG LIFETME.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Description
F3 Made with Gallium Arsenide Infrared Emitting diodes.
SF4 Made with Gallium Aluminum Arsenide Infrared
Emittingdiodes.
!
PACKAGE : 1500PCS / REEL.


유사한 부품 번호 - KA-3528F4C

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
KA-3528 KINGBRIGHT-KA-3528 Datasheet
886Kb / 9P
   3.5 x 2.8mm SURFACE MOUNT LED LAMPS
logo
HK TO-GRACE TECHNOLOGY ...
KA-3528CGCKT TO-GRACE-KA-3528CGCKT Datasheet
920Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
logo
Kingbright Corporation
KA-3528EC KINGBRIGHT-KA-3528EC Datasheet
886Kb / 9P
   3.5 x 2.8mm SURFACE MOUNT LED LAMPS
KA-3528IT KINGBRIGHT-KA-3528IT Datasheet
886Kb / 9P
   3.5 x 2.8mm SURFACE MOUNT LED LAMPS
KA-3528MWC KINGBRIGHT-KA-3528MWC Datasheet
121Kb / 4P
   3.5x2.8mm SURFACE MOUNT LED LAMP
More results

유사한 설명 - KA-3528F4C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
OHB660CB ETC1-OHB660CB Datasheet
159Kb / 2P
   Red EMITTING DIODES
logo
Kingbright Corporation
KP-3216F3C KINGBRIGHT-KP-3216F3C Datasheet
129Kb / 5P
   INFRA-RED EMITTING DIODES
AM2520F3C03 KINGBRIGHT-AM2520F3C03 Datasheet
103Kb / 5P
   INFRA-RED EMITTING DIODES
logo
List of Unclassifed Man...
L34F3C ETC-L34F3C Datasheet
100Kb / 4P
   T-1 INFRA-RED EMITTING DIODES
logo
Kingbright Corporation
AP1608F3C KINGBRIGHT-AP1608F3C Datasheet
114Kb / 4P
   INFRA-RED EMITTING DIODE
logo
Zetex Semiconductors
ZME50 ZETEX-ZME50 Datasheet
69Kb / 3P
   INFRA-RED EMITTING DIODE
logo
Micropac Industries
62196 MICROPAC-62196 Datasheet
77Kb / 2P
   RED LIGHT EMITTING DIODE
logo
Diodes Incorporated
ZME50 DIODES-ZME50 Datasheet
70Kb / 3P
   INFRA-RED EMITTING DIODE
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com