전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2506GR 데이터시트(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2506GR
상세설명  Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2506GR 데이터시트(HTML) 4 Page - National Semiconductor (TI)

  LM2506GR Datasheet HTML 1Page - National Semiconductor (TI) LM2506GR Datasheet HTML 2Page - National Semiconductor (TI) LM2506GR Datasheet HTML 3Page - National Semiconductor (TI) LM2506GR Datasheet HTML 4Page - National Semiconductor (TI) LM2506GR Datasheet HTML 5Page - National Semiconductor (TI) LM2506GR Datasheet HTML 6Page - National Semiconductor (TI) LM2506GR Datasheet HTML 7Page - National Semiconductor (TI) LM2506GR Datasheet HTML 8Page - National Semiconductor (TI) LM2506GR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DDA)
−0.3V to +2.2V
Supply Voltage (V
DD)
−0.3V to +2.2V
Supply Voltage (V
DDIO)
−0.3V to +3.6V
LVCMOS Input/Output Voltage
−0.3V to (V
DDIO
+0.3V)
MPL Input/Output Voltage
−0.3V to V
DDA
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature Soldering,
40 Seconds
+260˚C
ESD Ratings:
HBM, 1.5 k
Ω, 100 pF
±2kV
EIAJ, 0
Ω, 200 pF
±200V
Maximum Package Power Dissipation Capacity at 25˚C
GRA Package
1.8W
Derate GRA Package above 25˚C
15mW/˚C
SQF Package
1.8W
Derate SQF Package above 25˚C
15mW/˚C
Recommended Operating
Conditions
Min Typ
Max
Units
Supply Voltage
V
DDA to VSSA and
V
DDcore to VSScore
1.74 1.8
2.0
V
V
DDIO to VSSIO
1.74
3.0
V
PCLK Frequency
2
13.3
MHz
Ambient Temperature
−30
25
85
˚C
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MPL
I
OLL
Logic Low Current (5X I
B)
3.67 I
B
5.0 I
B
6.33 I
B
µA
I
OMS
Mid Scale Current
(Notes 4, 9)
2.1I
B
3.0 I
B
3.9I
B
µA
I
OLH
Logic High Current (1X I
B)
0.7 I
B
1.0 I
B
1.4 I
B
µA
I
B
Current Bias
150
µA
I
OFF
MPL Leakage Current
V
MPL = 0.8V
−2
+2
µA
LVCMOS (1.74V to 3.0V Operation)
V
IH
Input Voltage High Level
0.7 V
DDIO
V
DDIO
V
V
IL
Input Voltage Low Level
GND
0.3 V
DDIO
V
V
HY
Input Hysteresis
V
DDIO = 1.74V
150
mV
V
DDIO = 3.0V
200
mV
I
IH
Input Current High Level
Includes I
OZ
Vin=V
DDIO
−1
0
+1
µA
I
IL
Input Current Low Level
Vin = GND
−1
0
+1
µA
V
OH
Output Voltage High Level
I
OH = −2 mA
0.75
V
DDIO
V
DDIO
V
V
OL
Output Voltage Low Level
I
OL =2mA
V
SSIO
0.2 V
DDIO
V
SUPPLY CURRENT
I
DD
Total Supply
Current — Enabled
Conditions: MC = 80 MHz,
MD = 160 Mbps
(Note 5)
SER
V
DDIO
20
66
µA
V
DD/VDDA
512
mA
DES
V
DDIO
410
mA
V
DD/VDDA
611
mA
Supply Current — Enabled
1.8V
(Note 6)
SER
V
DDIO
10
µA
V
DD/VDDA
4.7
mA
DES
V
DDIO
2.3
mA
V
DD/VDDA
6.2
mA
www.national.com
4


유사한 부품 번호 - LM2506GR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2506 TI1-LM2506 Datasheet
1Mb / 25P
[Old version datasheet]   Low Power Mobile Pixel Link
logo
National Semiconductor ...
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25061PMM-1 NSC-LM25061PMM-1 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061PMM-1/NOPB TI1-LM25061PMM-1/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
More results

유사한 설명 - LM2506GR

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com