전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2506GR 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2506GR
상세설명  Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2506GR 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2506GR Datasheet HTML 2Page - National Semiconductor (TI) LM2506GR Datasheet HTML 3Page - National Semiconductor (TI) LM2506GR Datasheet HTML 4Page - National Semiconductor (TI) LM2506GR Datasheet HTML 5Page - National Semiconductor (TI) LM2506GR Datasheet HTML 6Page - National Semiconductor (TI) LM2506GR Datasheet HTML 7Page - National Semiconductor (TI) LM2506GR Datasheet HTML 8Page - National Semiconductor (TI) LM2506GR Datasheet HTML 9Page - National Semiconductor (TI) LM2506GR Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Recommended Input Timing Requirements
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SER PIXEL CLOCK (PCLK)
f
Pixel Clock Frequency
2
13.3
MHz
t
CP
Pixel Clock Period
75.2
500
ns
PCLK
DC
Pixel Clock Duty Cycle
30
50
70
%
t
T
Transition Time
(Note 7)
2
ns
t
STOPpclk
PClock Stop Gap
300
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VDDIO = 1.8V and VDD =VDDA = 1.8V and TA = 25˚C.
Note 3: Current into a device pin is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to Ground unless otherwise
specified.
Note 4: MPL Current Threshold is set to be 3XIB by the MPL start up Sequence - this is a functional specification only.
Note 5: Total Supply Current Conditions: RGB Mode, worse case data pattern, 13.3MHz PCLK, DES CL = 15pF, TYP VDDIO =VDDA =VDDcore = 1.8V, MAX VDDIO
= 3.0V, MAX VDDA = VDDcore = 2.0V.
Note 6: Supply Current Conditions: RGB Mode, PRBS case data pattern, 13.3MHz PCLK, DES CL = 15pF, TYP VDDIO =VDDA =VDDcore = 1.8V.
Note 7: Maximum transition time is a function of clock rate and should be less than 30% of the clock period to preserve signal quality.
Note 8: Guaranteed functionally by the IDDZ parameter. See also Figure 8.
Note 9: This is a functional parameter and is guaranteed by design or characterization.
Timing Diagrams
20125516
FIGURE 1. Serial Data Valid — DES Input Set and Hold Time
20125518
FIGURE 2. DES Output Rise and Fall Time (PCLK)
20125529
FIGURE 3. Stop Clock Power Down (SER)
www.national.com
6


유사한 부품 번호 - LM2506GR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2506 TI1-LM2506 Datasheet
1Mb / 25P
[Old version datasheet]   Low Power Mobile Pixel Link
logo
National Semiconductor ...
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25061PMM-1 NSC-LM25061PMM-1 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061PMM-1/NOPB TI1-LM25061PMM-1/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
More results

유사한 설명 - LM2506GR

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com