전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2902KVQPWRQ1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2902KVQPWRQ1
상세설명  QUADRUPLE OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2902KVQPWRQ1 데이터시트(HTML) 1 Page - Texas Instruments

  LM2902KVQPWRQ1 Datasheet HTML 1Page - Texas Instruments LM2902KVQPWRQ1 Datasheet HTML 2Page - Texas Instruments LM2902KVQPWRQ1 Datasheet HTML 3Page - Texas Instruments LM2902KVQPWRQ1 Datasheet HTML 4Page - Texas Instruments LM2902KVQPWRQ1 Datasheet HTML 5Page - Texas Instruments LM2902KVQPWRQ1 Datasheet HTML 6Page - Texas Instruments LM2902KVQPWRQ1 Datasheet HTML 7Page - Texas Instruments LM2902KVQPWRQ1 Datasheet HTML 8Page - Texas Instruments LM2902KVQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2902Q1
QUADRUPLE OPERATIONAL AMPLIFIER
SGLS178D − AUGUST 2003 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualification in Accordance With
AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D ESD Protection <500 V Per MIL-STD-883,
Method 3015; Exceeds 200 V Using
Machine Model (C = 200 pF, R = 0); 1500 V
Using Charged Device Model
D ESD Human Body Model >2 kV
Machine Model
>200 V and
Charge Device Model = 2 kV For
K-Suffix Devices.
D Low Supply-Current Drain Independent of
Supply Voltage . . . 0.8 mA Typ
D Low Input Bias and Offset Parameters:
− Input Offset Voltage ...3 mV Typ
− Input Offset Current ...2 nA Typ
− Input Bias Current...20 nA Typ
† Contact factory for details. Q100 qualification data available on
request.
D Common-Mode Input Voltage Range
Includes Ground, Allowing Direct Sensing
Near Ground
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage:
− Non-V devices ...26 V
− V-Suffix devices ...32 V
D Open-Loop Differential Voltage
Amplification . . . 100 V/mV Typ
D Internal Frequency Compensation
description/ordering information
This device consists of four independent high-gain frequency-compensated operational amplifiers that are
designed specifically to operate from a single supply over a wide range of voltages. Operation from split supplies
is possible when the difference between the two supplies is 3 V to 26 V (3 V to 32 V for V-suffixed devices), and
VCC is at least 1.5 V more positive than the input common-mode voltage. The low supply-current drain is
independent of the magnitude of the supply voltage.
Applications
include
transducer
amplifiers,
dc
amplification
blocks,
and
all
the
conventional
operational-amplifier circuits that now can be more easily implemented in single-supply-voltage systems. For
example, the LM2902 can be operated directly from the standard 5-V supply that is used in digital systems and
easily provides the required interface electronics without requiring additional
±15-V supplies.
ORDERING INFORMATION
TA
VIO max
AT 25
°C
MAX VCC
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
7 mV
26 V
SOIC (D)
Reel of 2500
LM2902QDRQ1
2902Q1
7 mV
26 V
TSSOP (PW)
Reel of 2000
LM2902QPWRQ1
2902Q1
−40
°C to 125°C
7 mV
32 V
SOIC (D)
Reel of 2500
LM2902KVQDRQ1
2902KVQ
−40
°C to 125°C
7 mV
32 V
TSSOP (PW)
Reel of 2000
LM2902KVQPWRQ1
2902KVQ
2 mV
32 V
SOIC (D)
Reel of 2500
LM2902KAVQDRQ1
2902KAQ
2 mV
32 V
TSSOP (PW)
Reel of 2000
LM2902KAVQPWRQ1
2902KAQ
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright
 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
D OR PW PACKAGE
(TOP VIEW)


유사한 부품 번호 - LM2902KVQPWRQ1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2902KVQPWRQ1 NSC-LM2902KVQPWRQ1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM2902KVQPWRQ1 TI-LM2902KVQPWRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
MAY 2022
LM2902KVQPWRQ1 TI-LM2902KVQPWRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2023
LM2902KVQPWRQ1 TI1-LM2902KVQPWRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED OCTOBER 2023
LM2902KVQPWRQ1 TI1-LM2902KVQPWRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
OCTOBER 2023
More results

유사한 설명 - LM2902KVQPWRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
[Old version datasheet]   Quadruple Operational Amplifier
JUNE 2017
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM124-SP TI1-LM124-SP Datasheet
193Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902-Q1 NSC-LM2902-Q1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
   Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com