전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8042M 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TDA8042M
상세설명  Quadrature demodulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8042M 데이터시트(HTML) 3 Page - NXP Semiconductors

  TDA8042M Datasheet HTML 1Page - NXP Semiconductors TDA8042M Datasheet HTML 2Page - NXP Semiconductors TDA8042M Datasheet HTML 3Page - NXP Semiconductors TDA8042M Datasheet HTML 4Page - NXP Semiconductors TDA8042M Datasheet HTML 5Page - NXP Semiconductors TDA8042M Datasheet HTML 6Page - NXP Semiconductors TDA8042M Datasheet HTML 7Page - NXP Semiconductors TDA8042M Datasheet HTML 8Page - NXP Semiconductors TDA8042M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997 Apr 11
3
Philips Semiconductors
Product specification
Quadrature demodulator
TDA8042M
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MBH968
DET
I
VOLTAGE
REFERENCE
×
1
2
10
3
5
8
9
6
7
4
Q
×
90
°
0
°
× 2
VCO
32
20
19
11
14
18
16
15
13
12
17
IDET
VTH
GND1
GND1
VAGC
VCC1
IOUT
OSCDIS
GND2
OSCA
IFA
OSCB
IFB
GND1
VCC2
FDIV(A)
QOUT
FDIV(B)
GND1
VCC1
TDA8042M


유사한 부품 번호 - TDA8042M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
TDA8043H PHILIPS-TDA8043H Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
More results

유사한 설명 - TDA8042M

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
logo
RF Micro Devices
RF2721 RFMD-RF2721 Datasheet
66Kb / 6P
   QUADRATURE DEMODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
logo
NXP Semiconductors
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com