전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLIZ24NPBF 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRLIZ24NPBF
상세설명  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLIZ24NPBF 데이터시트(HTML) 8 Page - International Rectifier

  IRLIZ24NPBF Datasheet HTML 1Page - International Rectifier IRLIZ24NPBF Datasheet HTML 2Page - International Rectifier IRLIZ24NPBF Datasheet HTML 3Page - International Rectifier IRLIZ24NPBF Datasheet HTML 4Page - International Rectifier IRLIZ24NPBF Datasheet HTML 5Page - International Rectifier IRLIZ24NPBF Datasheet HTML 6Page - International Rectifier IRLIZ24NPBF Datasheet HTML 7Page - International Rectifier IRLIZ24NPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLIZ24NPbF
8
www.irf.com
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)
TO-220 Full-Pak Part Marking Information
W IT H ASSE M B L Y
E XAMP L E : T H IS IS AN IR F I84 0G
L OT COD E 34 32
AS S E M B L E D ON W W 24 1999
IN T H E ASSE MB L Y L IN E "K "
PAR T N U M B E R
LOT CODE
ASSE MB L Y
IN T E R N AT ION AL
RE CT IF IE R
LOGO
34
32
924K
IR F I840G
DAT E CODE
YE AR 9 = 19 99
W EEK 24
LIN E K
Note: "P" in assembly line
position indicates "Lead-Free"
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.02/04


유사한 부품 번호 - IRLIZ24NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLIZ24N IRF-IRLIZ24N Datasheet
281Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLIZ24NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com