전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8310A 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8310A
상세설명  PAL/NTSC colour processor for PIP applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8310A 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8310A Datasheet HTML 1Page - NXP Semiconductors TDA8310A Datasheet HTML 2Page - NXP Semiconductors TDA8310A Datasheet HTML 3Page - NXP Semiconductors TDA8310A Datasheet HTML 4Page - NXP Semiconductors TDA8310A Datasheet HTML 5Page - NXP Semiconductors TDA8310A Datasheet HTML 6Page - NXP Semiconductors TDA8310A Datasheet HTML 7Page - NXP Semiconductors TDA8310A Datasheet HTML 8Page - NXP Semiconductors TDA8310A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1996 Jan 25
5
Philips Semiconductors
Product specification
PAL/NTSC colour processor
for PIP applications
TDA8310A
PINNING
SYMBOL
PIN
DESCRIPTION
R2
1
RED input 2 (PIP)
G2
2
GREEN input 2 (PIP)
B2
3
BLUE input 2 (PIP)
IDENT
4
colour standard identification output
BLANK
5
blanking output
B
6
BLUE output
G
7
GREEN output
R
8
RED output
SYSTSW
9
CVBS/system switch
R1
10
RED input 1
G1
11
GREEN input 1
B1
12
BLUE input 1
BLANK1
13
blanking input 1
CLAMP
14
clamping pulse input
DECFT
15
decoupling filter tuning
CHROMAI
16
chrominance input
CVBSEXT
17
external CVBS/Y input
GND1
18
ground 1 (0 V)
VP1
19
supply voltage 1 (+8 V)
CVBSINT
20
internal CVBS input
DECDIG
21
decoupling digital supply rail
i.c.
22
internally connected (test purposes)
LOGIC2
23
crystal logic 2 input/output
LOGIC1
24
crystal logic 1 input/output
COLOUR2
25
colour system logic 2 input/output
COLOUR1
26
colour system logic 1 input/output
R/W
27
read/write selection input
HUE
28
HUE control input
i.c.
29
internally connected (test purposes)
INTB
30
internal bias
GND2
31
ground 2 (0 V)
CVBSSW
32
CVBS positive/negative modulation
control switch input
n.c.
33
not connected
n.c.
34
not connected
DECBG
35
bandgap decoupling
VOUT
36
vertical sync output pulse
PH1LF
37
phase 1 loop filter
GND3
38
ground 3 (0 V)
HOUT
39
horizontal sync output pulse
SAND
40
sandcastle pulse output
VP2
41
supply voltage 2 (+8 V)
XTAL1
42
4.4336 MHz crystal
XTAL2
43
3.5820 MHz crystal for PAL-N
XTAL3
44
3.5756 MHz crystal for PAL-M
XTAL4
45
3.5795 MHz crystal for NTSC
PLL
46
PLL colour filter
CHROMAO
47
chrominance output for TDA8395
SECAM
48
SECAM reference output
Y
49
Y output
B
−Y50 B−Y output
R
−Y51 R−Y output
BLANK2
52
blanking/insertion input 2 (PIP)
SYMBOL
PIN
DESCRIPTION


유사한 부품 번호 - TDA8310A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8310 PHILIPS-TDA8310 Datasheet
92Kb / 24P
   PAL/NTSC colour processor for PIP applications
February 1995
More results

유사한 설명 - TDA8310A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8310 PHILIPS-TDA8310 Datasheet
92Kb / 24P
   PAL/NTSC colour processor for PIP applications
February 1995
logo
List of Unclassifed Man...
TEA2000 ETC2-TEA2000 Datasheet
296Kb / 7P
   PAL/NTSC COLOUR ENCODER
logo
Toshiba Semiconductor
TC90A66F TOSHIBA-TC90A66F Datasheet
488Kb / 39P
   PAP/PIP/POP Controller for Wide-Screen TVs (PAL/NTSC)
logo
Mitsubishi Electric Sem...
M52771ASP MITSUBISHI-M52771ASP Datasheet
84Kb / 4P
   NTSC / PAL TV SIGNAL PROCESSOR
logo
List of Unclassifed Man...
M61260BFP ETC2-M61260BFP Datasheet
76Kb / 1P
   TV Signal Processor for PAL/SECAM/NTSC
logo
Mitsubishi Electric Sem...
M52770ASP MITSUBISHI-M52770ASP Datasheet
178Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52770ASP RENESAS-M52770ASP Datasheet
243Kb / 8P
   NTSC/PAL TV Signal Processor
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52770SP MITSUBISHI-M52770SP Datasheet
77Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com