전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8354Q 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA8354Q
상세설명  Full bridge current driven vertical deflection output circuit in LVDMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8354Q 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA8354Q Datasheet HTML 1Page - NXP Semiconductors TDA8354Q Datasheet HTML 2Page - NXP Semiconductors TDA8354Q Datasheet HTML 3Page - NXP Semiconductors TDA8354Q Datasheet HTML 4Page - NXP Semiconductors TDA8354Q Datasheet HTML 5Page - NXP Semiconductors TDA8354Q Datasheet HTML 6Page - NXP Semiconductors TDA8354Q Datasheet HTML 7Page - NXP Semiconductors TDA8354Q Datasheet HTML 8Page - NXP Semiconductors TDA8354Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Sep 03
4
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical deflection
output circuit in LVDMOS
TDA8354Q
PINNING
SYMBOL
PIN
DESCRIPTION
Vo(guard)
1
guard output voltage
Vi(M)
2
measuring resistor input
Vi(con)
3
conversion resistor input
VP(B)
4
supply voltage B
Vo(B)
5
output voltage B
GNDB
6
ground B
Vflb
7
flyback supply voltage
GNDA
8
ground A
Vo(A)
9
output voltage A
VP(A)
10
supply voltage A
Ii(neg)
11
input power-stage (negative);
includes Ii(bias) signal bias
Ii(pos)
12
input power-stage (positive);
includes Ii(bias) signal bias
Ii(comp)
13
damping resistor compensation
current input
Fig.2 Pin configuration.
The die has been glued to the metal block of the package. If the metal
block is not insulated from the heat sink, the heat sink may only be
connected directly to pins 6 and 8.
handbook, halfpage
TDA8354Q
MGL462
1
2
3
4
5
6
7
8
9
10
11
12
13
Vo(guard)
Vi(M)
Vi(con)
VP(B)
Vo(B)
GNDB
Vflb
GNDA
Vo(A)
VP(A)
Ii(neg)
Ii(pos)
Ii(comp)
FUNCTIONAL DESCRIPTION
The vertical driver circuit is a bridge configuration.
The deflection coil is connected between the output
amplifiers, which are driven in phase opposition.
The differential input circuit is current driven. The input
circuit is special intended for direct connection to driver
circuits which deliver symmetrical current signals, but is
also suitable for asymmetrical currents. The current to
voltage conversion is done by the external resistor (Rcon)
connected between the output of the input conversion
stage and output stage B. This voltage is compared with
the output current through the deflection coil measured as
voltage across RM, which provides internal feedback
information. The relationship between the differential input
current and the output current is defined by:
2
× Ii(diff) × Rcon =Icoil × RM The output current is
adjustable from 0.5 A (p-p) to 3.2 A (p-p) by varying Rcon.
The maximum input current is 800
µA peak for each pin.
The minimum input current should be 50
µA.
Flyback supply
The flyback voltage is determined by an additional supply
voltage Vflb. The principle of operating with two supply
voltages (class G) makes it possible to fix the supply
voltage VP optimum for the scan voltage and the second
supply voltage Vflb optimum for the flyback voltage. Using
this method, very high efficiency is achieved. The supply
voltage Vflb is almost totally available as flyback voltage
across the coil, this being possible due to the absence of a
coupling capacitor (not necessary, due to the bridge
configuration). The very short rise and fall time of the
flyback switch is >400 V/
µs.
Protection
The output circuit has protection circuits for:
• Die temperature control
• Overvoltage of output stage A.


유사한 부품 번호 - TDA8354Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

유사한 설명 - TDA8354Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8359J PHILIPS-TDA8359J Datasheet
107Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS
2002 Jan 21
TDA8357J PHILIPS-TDA8357J Datasheet
96Kb / 16P
   Full bridge vertical deflection output circuit in LVDMOS
1999 Nov 10
TDA8358J PHILIPS-TDA8358J Datasheet
110Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
1999 Dec 22
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
NXP Semiconductors
TDA4867J PHILIPS-TDA4867J Datasheet
426Kb / 14P
   Full bridge current driven vertical deflection booster
2003 Feb 05
TDA4866 PHILIPS-TDA4866 Datasheet
86Kb / 16P
   Full bridge current driven vertical deflection booster
1999 Jun 14
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com