전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8385 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TDA8385
상세설명  Control circuit for a Self-Oscillating Power Supply SOPS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8385 데이터시트(HTML) 3 Page - NXP Semiconductors

  TDA8385 Datasheet HTML 1Page - NXP Semiconductors TDA8385 Datasheet HTML 2Page - NXP Semiconductors TDA8385 Datasheet HTML 3Page - NXP Semiconductors TDA8385 Datasheet HTML 4Page - NXP Semiconductors TDA8385 Datasheet HTML 5Page - NXP Semiconductors TDA8385 Datasheet HTML 6Page - NXP Semiconductors TDA8385 Datasheet HTML 7Page - NXP Semiconductors TDA8385 Datasheet HTML 8Page - NXP Semiconductors TDA8385 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
March 1994
4
Philips Semiconductors
Preliminary specification
Control circuit for a Self-Oscillating
Power Supply (SOPS)
TDA8385
handbook, full pagewidth
stand-by voltage input
over-voltage
protection
latch
22
24
11
MCD418
100
µA
slow
discharge
21
(17)
(28)
VIII
Q
R
S
FF
23
over voltage
Q
115 mV
2.5 V
OVER-VOLTAGE PROTECTION
DELAY
12
115 mV
100 mV
SAWTOOTH GENERATOR
DEM
12
15
5
6
8
Q
13
R
S
Vr
Vsb
Vsim
8
PWM
IV
14
16
demagnetization
LED CONTROL
demagnetization
(28)
18
V
9
I12
12
0.2 I
I sim
I peak
25
2.5 V
2 V
STAND-BY
IX
2.5 V
latch
Q (23)
17
OUTPUT
STAGE
15
LED
LED DRIVER
VI
10
TDA8385
2
LED driver output
delay setting
demagnetization
input
peak-current
setting input
current simulation
input
26
comparator
II
V
c
10
FF
Fig.2 Block diagram; part B (continued from Fig.1; part A).


유사한 부품 번호 - TDA8385

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8380 PHILIPS-TDA8380 Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results

유사한 설명 - TDA8385

제조업체부품명데이터시트상세설명
logo
International Rectifier
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
logo
Grenergy Opto, lnc.
GR6953 GRENERGY-GR6953 Datasheet
366Kb / 8P
   Self-oscillating Half-bridge Power IC
logo
International Rectifier
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
   SELF-OSCILLATING HALF BRIDGE
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H310 IRF-IR51H310 Datasheet
191Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com