전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZV99NA 데이터시트(PDF) 5 Page - Arizona Microtek, Inc

부품명 AZV99NA
상세설명  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZM [Arizona Microtek, Inc]
홈페이지  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99NA 데이터시트(HTML) 5 Page - Arizona Microtek, Inc

  AZV99NA Datasheet HTML 1Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 2Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 3Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 4Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 5Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 6Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 7Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 8Page - Arizona Microtek, Inc AZV99NA Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AZV99
April 2007 * REV - 9
www.azmicrotek.com
5
S11, D to Q
¯ , 50
Ω AC load on Q
¯
S12, D to Q
¯ , 50
Ω AC load on Q
¯
0.7
0.75
0.8
0.85
0.9
0.95
50
150
250
350
450
550
650
750
850
950
1050
1150
1250
1350
Frequency (MHz)
-50
-40
-30
-20
-10
0
S11 MAG 8mA
S11 MAG 4mA
S11 PHASE 8mA
S11 PHASE 4mA
0
0.005
0.01
0.015
0.02
0.025
50
150
250
350
450
550
650
750
850
950
1050 1150
1250
1350
Frequency (MHz)
0.00
50.00
100.00
150.00
200.00
250.00
S12 MAG 8mA
S12 MAG 4mA
S12 PHASE 8mA
S21 PHASE 4mA


유사한 부품 번호 - AZV99NA

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZV99NA AZM-AZV99NA Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

유사한 설명 - AZV99NA

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com