전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZV99XP 데이터시트(PDF) 9 Page - Arizona Microtek, Inc

부품명 AZV99XP
상세설명  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZM [Arizona Microtek, Inc]
홈페이지  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99XP 데이터시트(HTML) 9 Page - Arizona Microtek, Inc

Back Button AZV99XP Datasheet HTML 5Page - Arizona Microtek, Inc AZV99XP Datasheet HTML 6Page - Arizona Microtek, Inc AZV99XP Datasheet HTML 7Page - Arizona Microtek, Inc AZV99XP Datasheet HTML 8Page - Arizona Microtek, Inc AZV99XP Datasheet HTML 9Page - Arizona Microtek, Inc AZV99XP Datasheet HTML 10Page - Arizona Microtek, Inc AZV99XP Datasheet HTML 11Page - Arizona Microtek, Inc AZV99XP Datasheet HTML 12Page - Arizona Microtek, Inc AZV99XP Datasheet HTML 13Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AZV99
April 2007 * REV - 9
www.azmicrotek.com
9
Bottom Center Pad may be left open
or tied to VEE. Pin 4 is the VEE return.
Bottom Center Pad is the VEE
return.
LOGIC DIAGRAMS AND PINOUTS FOR
AZV99NA, AZV99NB, AZV99ND
EN operation follows PECL functionality. See the
Timing Diagram.
D
VEE
4mA
470
VBB
EN
QHG
Q
D
QHG
AZV99NA
470
D
4mA
470
VBB/D
EN
VEE
QHG
Q
QHG
AZV99NB
AZV99ND
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZV99NB
QHG
QHG
EN
Q
VBB/D
VEE
VCC
TOP VIEW
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZV99NA
QHG
QHG
EN
Q
VBB
VCC
TOP VIEW
VEE
D
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZV99ND
QHG
QHG
EN
Q
VBB/D
VCC
TOP VIEW
VEE
D
Bottom Center Pad may be left open
or tied to VEE. Pin 5 is the VEE return.


유사한 부품 번호 - AZV99XP

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZV99XP AZM-AZV99XP Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

유사한 설명 - AZV99XP

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com