전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8542 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA8542
상세설명  2 x 1 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA8542 Datasheet HTML 1Page - NXP Semiconductors TDA8542 Datasheet HTML 2Page - NXP Semiconductors TDA8542 Datasheet HTML 3Page - NXP Semiconductors TDA8542 Datasheet HTML 4Page - NXP Semiconductors TDA8542 Datasheet HTML 5Page - NXP Semiconductors TDA8542 Datasheet HTML 6Page - NXP Semiconductors TDA8542 Datasheet HTML 7Page - NXP Semiconductors TDA8542 Datasheet HTML 8Page - NXP Semiconductors TDA8542 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 Apr 01
4
Philips Semiconductors
Product specification
2
× 1 W BTL audio amplifier
TDA8542
PINNING
SYMBOL
PIN
DESCRIPTION
LGND
1
ground, left channel
OUTL+
2
positive loudspeaker terminal,
left channel
MODE
3
operating mode select (standby,
mute, operating)
SVR
4
half supply voltage, decoupling
ripple rejection
BTL/SE
5
BTL loudspeaker or SE
headphone operation
n.c.
6
not connected
OUTR+
7
positive loudspeaker terminal,
right channel
RGND
8
ground, right channel
VCCR
9
supply voltage, right channel
OUTR
10
negative loudspeaker terminal,
right channel
INR
11
negative input, right channel
INR+
12
positive input, right channel
INL+
13
positive input, left channel
INL
14
negative input, left channel
OUTL
15
negative loudspeaker terminal,
left channel
VCCL
16
supply voltage, left channel
Fig.2 Pin configuration.
handbook, halfpage
TDA8542
MGB974
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LGND
OUTL
+
MODE
SVR
BTL/SE
n.c.
OUTR
+
RGND
VCCR
OUTR
INR
INR
+
INL
+
INL
OUTL
VCCL
FUNCTIONAL DESCRIPTION
The TDA8542(T) is a 2
× 1 W BTL audio power amplifier
capable of delivering 2
× 1 W output power to an 8 Ω load
at THD = 10% using a 5 V power supply. Using the MODE
pin the device can be switched to standby and mute
condition. The device is protected by an internal thermal
shutdown protection mechanism. The gain can be set
within a range from 6 dB to 30 dB by external feedback
resistors.
Power amplifier
The power amplifier is a Bridge Tied Load (BTL) amplifier
with a complementary PNP-NPN output stage.
The voltage loss on the positive supply line is the
saturation voltage of a PNP power transistor, on the
negative side the saturation voltage of a NPN power
transistor. The total voltage loss is <1 V and with a 5 V
supply voltage and an 8
Ω loudspeaker an output power of
1 W can be delivered.
Mode select pin
The device is in the standby mode (with a very low current
consumption) if the voltage at the MODE pin is
>(VCC − 0.5 V), or if this pin is floating. At a MODE voltage
level of less than 0.5 V the amplifier is fully operational.
In the range between 1.5 V and VCC − 1.5 V the amplifier
is in mute condition. The mute condition is useful to
suppress plop noise at the output caused by charging of
the input capacitor.
Headphone connection
A headphone can be connected to the amplifier using two
coupling capacitors for each channel. The common
GND pin of the headphone is connected to the ground of
the amplifier (see Fig.13). In this case the BTL/SE pin must
be either on a logic HIGH level or not connected at all.
The two coupling capacitors can be omitted if it is allowed
to connect the common GND pin of the headphone jack
not to ground, but to a voltage level of 1
2VCC (see Fig.13).
In this case the BTL/SE pin must be either on a logic LOW
level or connected to ground. If the BTL/SE pin is on a
LOW level, the power amplifier for the positive
loudspeaker terminal is always in mute condition.


유사한 부품 번호 - TDA8542

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
More results

유사한 설명 - TDA8542

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8547 PHILIPS-TDA8547 Datasheet
240Kb / 24P
   2 x 1 W BTL audio amplifier with output channel switching
1997 Oct 07
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com