전자부품 데이터시트 검색엔진 |
|
TC1263-2.8VAT 데이터시트(PDF) 2 Page - Microchip Technology |
|
TC1263-2.8VAT 데이터시트(HTML) 2 Page - Microchip Technology |
2 / 18 page TC1263 DS21374C-page 2 © 2005 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † Input Voltage .........................................................6.5V Output Voltage................ (GND – 0.3V) to (VIN + 0.3V) Power Dissipation................Internally Limited (Note 7) Voltage (max.) on Any Pin: (GND – 0.3V) to (VIN + 0.3V) Operating Temperature Range.... -40°C < TJ < +125°C Storage Temperature..........................-65°C to +150°C † Notice: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. DC CHARACTERISTICS Electrical Specifications: Unless otherwise indicated, VIN = VR + 1.0V, (Note 1), IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C. Boldface type specifications apply for junction temperatures of -40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Input Operating Voltage VIN 2.7 — 6.0 V Note 2 Maximum Output Current IOUTMAX 500 —— mA Output Voltage VOUT VR – 2.5% VR ± 0.5% VR + 2.5% V Note 1 VOUT Temperature Coefficient ΔVOUT/ΔT — 40 — ppm/°C Note 3 Line Regulation ΔVOUT/ΔVIN —0.05 0.35 %(VR + 1V) ≤ VIN ≤ 6V Load Regulation (Note 4) ΔVOUT/VOUT –0.01 0.002 +0.01 %/mA IL = 0.1 mA to IOUTMAX Dropout Voltage (Note 5) VIN-VOUT —20 30 mV IL = 100 µA —60 130 IL = 100 mA — 200 390 IL = 300 mA — 350 650 IL = 500 mA Supply Current IDD —80 130 µA SHDN = VIH, IL = 0 Shutdown Supply Current ISHDN —0.05 1 µA SHDN = 0V Power Supply Rejection Ratio PSRR — 64 — db F ≤ 1kHz Output Short Circuit Current IOUTSC — 1200 1400 mA VOUT = 0V Thermal Regulation ΔVOUT/ΔPD —0.04 — V/W Note 6 Output Noise eN — 260 — nV/ √Hz IL = IOUTMAX, F = 10 kHZ Note 1: VR is the regulator output voltage setting. 2: The minimum VIN has to justify the conditions: VIN ≥ VR + VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX. 3: 4: Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation specification. 5: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at a 1.0V differential. 6: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms. 7: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations” for more details. TCV OUT V OUTMAX V OUTMIN – () 10 6 – V OUT T Δ × ------------------------------------------------------------------------- = |
유사한 부품 번호 - TC1263-2.8VAT |
|
유사한 설명 - TC1263-2.8VAT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |