전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8543 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA8543
상세설명  2 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8543 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA8543 Datasheet HTML 3Page - NXP Semiconductors TDA8543 Datasheet HTML 4Page - NXP Semiconductors TDA8543 Datasheet HTML 5Page - NXP Semiconductors TDA8543 Datasheet HTML 6Page - NXP Semiconductors TDA8543 Datasheet HTML 7Page - NXP Semiconductors TDA8543 Datasheet HTML 8Page - NXP Semiconductors TDA8543 Datasheet HTML 9Page - NXP Semiconductors TDA8543 Datasheet HTML 10Page - NXP Semiconductors TDA8543 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Jun 12
7
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
Notes to the AC characteristics
1. Gain of the amplifier is
in test circuit of Fig.4.
2. The noise output voltage is measured at the output in a frequency range from 20 Hz to 20 kHz (unweighted), with
a source impedance of RS =0 Ω at the input.
3. Supply voltage ripple rejection is measured at the output, with a source impedance of RS =0 Ω at the input.
The ripple voltage is a sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS), which is applied
to the positive supply rail.
4. Supply voltage ripple rejection is measured at the output, with a source impedance of RS =0 Ω at the input.
The ripple voltage is a sine wave with a frequency between 100 Hz and 20 kHz and an amplitude of 100 mV (RMS),
which is applied to the positive supply rail.
5. Output voltage in mute position is measured with an input voltage of 1 V (RMS) in a bandwidth of 20 kHz, so including
noise.
2
R2
R1
--------
×
TEST AND APPLICATION INFORMATION
Test conditions
Because the application can be either Bridge Tied Load
(BTL) or Single-Ended (SE), the curves of each application
are shown separately.
The thermal resistance = 55 K/W for the DIP16 envelope;
the maximum sine wave power dissipation
for Tamb =25 °C is:
For Tamb =60 °C the maximum total power dissipation is:
See the power derating curve illustrated in Fig.3.
BTL application
Tamb =25 °C if not specially mentioned, VCC =5V,
f = 1 kHz, RL =8 Ω, Gv = 20 dB, audio band-pass
22 Hz to 22 kHz.
The BTL application diagram is shown in Fig.4.
The quiescent current has been measured without
any load impedance. The total harmonic distortion
as a function of frequency was measured with a low-pass
filter of 80 kHz. The value of capacitor C2 influences
the behaviour of the SVRR at low frequencies, increasing
the value of C2 increases the performance of the SVRR.
The figure of the mode select voltage (Vms) as a function
of the supply voltage shows three areas; operating, mute
and standby. It shows, that the DC-switching levels
of the mute and standby respectively depends
on the supply voltage level.
150
25
55
----------------------
2.27 W
=
150
60
55
----------------------
1.63 W
=
SE application
Tamb =25 °C if not specially mentioned, VCC = 7.5 V,
f = 1 kHz, RL =4 Ω, Gv = 20 dB, audio band-pass
22 Hz to 22 kHz.
The SE application diagram is shown in Fig.14.
The capacitor value of C3 in combination with the load
impedance determines the low frequency behaviour.
The total harmonic distortion as a function of frequency
was measured with low-pass filter of 80 kHz. The value
of capacitor C2 influences the behaviour of the SVRR
at low frequencies, increasing the value of C2 increases
the performance of the SVRR.
General remark
The frequency characteristic can be adapted
by connecting a small capacitor across the feedback
resistor. To improve the immunity of HF radiation in radio
circuit applications, a small capacitor can be connected
in parallel with the feedback resistor; this creates a
low-pass filter.


유사한 부품 번호 - TDA8543

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8540 PHILIPS-TDA8540 Datasheet
131Kb / 20P
   4 X 4 video switch matrix
1995 Feb 06
TDA8540T PHILIPS-TDA8540T Datasheet
131Kb / 20P
   4 X 4 video switch matrix
1995 Feb 06
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541T PHILIPS-TDA8541T Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results

유사한 설명 - TDA8543

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com