전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8547TS 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA8547TS
상세설명  2 x 0.7 W BTL audio amplifier with output channel switching
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8547TS 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA8547TS Datasheet HTML 6Page - NXP Semiconductors TDA8547TS Datasheet HTML 7Page - NXP Semiconductors TDA8547TS Datasheet HTML 8Page - NXP Semiconductors TDA8547TS Datasheet HTML 9Page - NXP Semiconductors TDA8547TS Datasheet HTML 10Page - NXP Semiconductors TDA8547TS Datasheet HTML 11Page - NXP Semiconductors TDA8547TS Datasheet HTML 12Page - NXP Semiconductors TDA8547TS Datasheet HTML 13Page - NXP Semiconductors TDA8547TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1998 Apr 01
10
Philips Semiconductors
Product specification
2
× 0.7 W BTL audio amplifier with
output channel switching
TDA8547TS
BTL APPLICATION
Fig.4 BTL application.
handbook, full pagewidth
MGK985
17
VCC
Vi1
OUT1
IN1
IN1
+
OUT1
+
18
C4
100 nF
C5
100
µF
20
11
110
TDA8547TS
16
OUT2
GND
RL1
IN2
14
IN2
+
SVRR
15
5
4
6
MODE
SELECT
3
OUT2
OUT2
+
13
RL2
8
C3
47
µF
C2
1
µF
C1
1
µF
R1
R2
R4
10 k
10 k
50 k
50 k
R3
Vi2
Gain channel 1
2
R2
R1
--------
×
=
Gain channel 2
2
R4
R3
--------
×
=
Fig.5 Iq as a function of VCC.
RL = ∞.
handbook, halfpage
0
Iq
(mA)
VCC (V)
20
30
10
0
420
812
16
MGD890
Fig.6 THD as a function of Po.
f = 1 kHz; Gv =20dB.
(1) VCC = 5 V; RL =8 Ω.
handbook, halfpage
10
1
THD
(%)
10−2
10−1
MGK988
10−2
10−1
1
Po (W)
10
(1)


유사한 부품 번호 - TDA8547TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results

유사한 설명 - TDA8547TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
TDA8547 PHILIPS-TDA8547 Datasheet
240Kb / 24P
   2 x 1 W BTL audio amplifier with output channel switching
1997 Oct 07
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com